Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM8502 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM8502
Description  Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8502 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM8502 Datasheet HTML 3Page - Texas Instruments LM8502 Datasheet HTML 4Page - Texas Instruments LM8502 Datasheet HTML 5Page - Texas Instruments LM8502 Datasheet HTML 6Page - Texas Instruments LM8502 Datasheet HTML 7Page - Texas Instruments LM8502 Datasheet HTML 8Page - Texas Instruments LM8502 Datasheet HTML 9Page - Texas Instruments LM8502 Datasheet HTML 10Page - Texas Instruments LM8502 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
LM8502
www.ti.com
SNVS592D – OCTOBER 2009 – REVISED FEBRUARY 2013
Electrical Characteristics
(1) (continued)
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (-30°C
≤ TA ≤ +85°C). Unless otherwise specified, VIN = 3.6V, VEN = VIN.
Parameter
Test Conditions
Min
Typ
Max
Units
LED DRIVER ELECTRICAL CHARACTERISTICS
ILEAKAGE
Leakage Current
Outputs D1 to D10
0.1
1
µA
Outputs D1 to D10 (with maximum full-
IMAX
Maximum Sink Current
25.5
mA
scale current setting)
IOUT
Output Current Accuracy (3)
Output Current Set to 17.5 mA
−5
+5
%
IMATCH
Matching (3)
Output Current Set to 17.5 mA
1
VSAT
Saturation Voltage
Output Current Set to 17.5 mA
45
65
mV
GENERAL PURPOSE ADC ELECTRICAL CHARACTERISTICS
LSB
Least Significant Bit (4)
30
mV
EABS
Total Unadjusted Error (5)
VIN_TEST = 0V to VIN
±3
LSB
tCONV
Conversion Time (4)
2.7
ms
VIN_TEST
DC Voltage Range (4)
0
5
V
LOGIC INPUT EN VOLTAGE SPECIFICATIONS (VEN = 1.65 to VIN unless otherwise noted)
VIL
Input Logic Low
0.5
V
VIH
Input Logic High
1.2
II
Input Current
−1.0
1.0
µA
LOGIC INPUT SCL, SDA, CLK, STROBE, TX1/TORCH, PWM/ENVM/TX2, TRIG
VIL
Input Logic Low
0.2xVEN
V
VIH
Input Logic High
0.8xVEN
V
II
Input Current
−1.0
1.0
µA
LOGIC OUTPUT SDA, TRIG, INT
VOL
Output Low Level
IOUT = 3 mA
0.3
V
IL
Output Leakage Current
1.0
µA
RECOMMENDED EXTERNAL CLOCK SOURCE (CLK) CONDITIONS (4) (6)
fCLK
Clock Frequency
32.7
kHz
tCLKH
High TIme
6
tCLKL
Low Time
6
µs
tr
Clock Rise TIme
10% to 90%
2
tf
Clock Fall Time
90% to 10%
2
(3)
Output Current Accuracy is the difference between the actual value of the output current and programmed value of this current.
Matching is the maximum difference from the average. For the constant current outputs on the part (D1 to D10), the following are
determined: the maximum output current (MAX), the minimum current (MIN) and the average output current of all outputs (AVG). Two
matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN)/AVG. The largest number of the two (worst case) is considered the
matching figure. The typical specification provided is the most likely norm of the matching figure for all parts. Note that some
manufacturers have different specifications in use.
(4)
Guaranteed by design. VEN = 1.65V to VIN.
(5)
Total unadjusted error includes offset, full-scale and linearity errors.
(6)
The ideal external clock signal for the LM8502 is a 0V to VEN, 25% to 75% duty-cycle square wave. At frequencies above 32.7 kHz
program execution will be faster, and at frequencies below 32.7 kHz program execution will be slower.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM8502


Similar Part No. - LM8502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8502 TI1-LM8502 Datasheet
2Mb / 75P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver with a 10-Output Low-Side LED Driver
LM8502TME TI1-LM8502TME Datasheet
2Mb / 75P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver with a 10-Output Low-Side LED Driver
LM8502TMX TI1-LM8502TMX Datasheet
2Mb / 75P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver with a 10-Output Low-Side LED Driver
More results

Similar Description - LM8502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8502 TI1-LM8502 Datasheet
2Mb / 75P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver with a 10-Output Low-Side LED Driver
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A Dual Flash LED Driver System
LP5526 TI1-LP5526 Datasheet
1Mb / 39P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
Texas Instruments
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
[Old version datasheet]   Advanced Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
   Advanced Lighting Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
National Semiconductor ...
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
   Advanced Lighting Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com