Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM8502 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM8502
Description  Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8502 Datasheet(HTML) 2 Page - Texas Instruments

  LM8502 Datasheet HTML 1Page - Texas Instruments LM8502 Datasheet HTML 2Page - Texas Instruments LM8502 Datasheet HTML 3Page - Texas Instruments LM8502 Datasheet HTML 4Page - Texas Instruments LM8502 Datasheet HTML 5Page - Texas Instruments LM8502 Datasheet HTML 6Page - Texas Instruments LM8502 Datasheet HTML 7Page - Texas Instruments LM8502 Datasheet HTML 8Page - Texas Instruments LM8502 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
5,77
OUT
GND
SW
VIN
GND
FLASH1
FLASH2
D9
A1
A2
A3
A4
A5
B1
C1
D1
E1
F1
B2
D10/
ALS
D8
C2
D7
D5
D2
D6
C3
B3
B4
D3
E2
D4
D1
B5
F2
C4
C5
D2
F3
ALS1
F4
SCL
F5
SDA
E3
INT
CLK
E5
EN
LEDI/
NTC
E4
D3
D4
TRIG
D5
PWM/ENVM/TX2
TX1/TORCH
D2
D3
D6
D1
OUT
PWM/ENVM/TX2
ALS1
GND
INT
STROBE
VIN = 2.7V TO 5.5V
VDD
SW
CLK
D5
D4
D10/ALS2
D8
D7
SCL
SDA
EN
TX1/TORCH
D9
LEDI/NTC
Flash 1.2A
Trigger pin for lighting engine
TRIG
External clock input for power saving
VBIAS
Interrupt
FLASH2
LM8502
FLASH1
10 PF
10 PF
2.2 PH
LM8502
SNVS592D – OCTOBER 2009 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL APPLICATION CIRCUITS
Figure 1.
Figure 2.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM8502


Similar Part No. - LM8502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8502 TI1-LM8502 Datasheet
2Mb / 75P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver with a 10-Output Low-Side LED Driver
LM8502TME TI1-LM8502TME Datasheet
2Mb / 75P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver with a 10-Output Low-Side LED Driver
LM8502TMX TI1-LM8502TMX Datasheet
2Mb / 75P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver with a 10-Output Low-Side LED Driver
More results

Similar Description - LM8502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8502 TI1-LM8502 Datasheet
2Mb / 75P
[Old version datasheet]   Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver with a 10-Output Low-Side LED Driver
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A Dual Flash LED Driver System
LP5526 TI1-LP5526 Datasheet
1Mb / 39P
[Old version datasheet]   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
National Semiconductor ...
LP5526 NSC-LP5526 Datasheet
1Mb / 33P
   Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
logo
Texas Instruments
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
[Old version datasheet]   Advanced Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
   Advanced Lighting Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
   Flexible Lighting Management Unit
logo
National Semiconductor ...
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
   Advanced Lighting Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com