Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM8364BALMF20 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM8364BALMF20
Description  Micropower Undervoltage Sensing Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8364BALMF20 Datasheet(HTML) 1 Page - Texas Instruments

  LM8364BALMF20 Datasheet HTML 1Page - Texas Instruments LM8364BALMF20 Datasheet HTML 2Page - Texas Instruments LM8364BALMF20 Datasheet HTML 3Page - Texas Instruments LM8364BALMF20 Datasheet HTML 4Page - Texas Instruments LM8364BALMF20 Datasheet HTML 5Page - Texas Instruments LM8364BALMF20 Datasheet HTML 6Page - Texas Instruments LM8364BALMF20 Datasheet HTML 7Page - Texas Instruments LM8364BALMF20 Datasheet HTML 8Page - Texas Instruments LM8364BALMF20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INPUT
+
-
VREF
RESET
GND
INPUT
GND
N/C
N/C
1
2
3
5
4
RESET
LM8364
www.ti.com
SNVS232B – MARCH 2003 – REVISED APRIL 2013
LM8364 Micropower Undervoltage Sensing Circuits
Check for Samples: LM8364
1
FEATURES
DESCRIPTION
The LM8364 series are micropower undervoltage
2
Extremely Low Quiescent Current: 0.65
μA, at
sensing circuits that are ideal for use in battery
VIN = 2.87V
powered
microprocessor
based
systems,
where
High Accuracy Threshold Voltage (±2.5%)
extended battery life is a key requirement.
Open Drain Output
A range of threshold voltages from 2.0V to 4.5V are
Input Voltage Range: 1V to 6V
available with an active low open drain output. These
devices feature a very low quiescent current of
Surface Mount Package (5-Pin SOT-23)
0.65µA typical. The LM8364 series features a highly
Pin for Pin Compatible with MC33464
accurate voltage reference, a comparator with precise
thresholds and built-in hysterisis to prevent erratic
APPLICATIONS
reset operation, and ensured Reset operation down
Low Battery Detection
to 1.0V with extremely low standby current.
Microprocessor Reset Controller
These devices are available in the space saving
SOT-23 5-pin surface mount package. For other
Power Fail Indicator
undervoltage thresholds and output options, please
Battery Backup Detection
contact Texas Instruments.
Functional Block Diagram
Connection Diagram
Figure 1. 5-Pin SOT-23
Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM8364BALMF20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8364BALMF20 NSC-LM8364BALMF20 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
More results

Similar Description - LM8364BALMF20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com