Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC125ARGYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125ARGYR
Description  SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC125ARGYR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC125ARGYR Datasheet HTML 1Page - Texas Instruments SN74LVC125ARGYR Datasheet HTML 2Page - Texas Instruments SN74LVC125ARGYR Datasheet HTML 3Page - Texas Instruments SN74LVC125ARGYR Datasheet HTML 4Page - Texas Instruments SN74LVC125ARGYR Datasheet HTML 5Page - Texas Instruments SN74LVC125ARGYR Datasheet HTML 6Page - Texas Instruments SN74LVC125ARGYR Datasheet HTML 7Page - Texas Instruments SN74LVC125ARGYR Datasheet HTML 8Page - Texas Instruments SN74LVC125ARGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2A
2Y
2OE
1A
1Y
1OE
4A
4Y
4OE
3A
3Y
3OE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC125A
SCAS290Q – JANUARY 1993 – REVISED JANUARY 2015
SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
1 Features
3 Description
This quadruple bus buffer gate is designed for 1.65-V
1
3-State Outputs
to 3.6-V VCC operation.
Separate OE for all 4 buffers
The SN74LVC125A device features independent line
Operates From 1.65 V to 3.6 V
drivers with 3-state outputs. Each output is disabled
Specified From –40°C to 85°C
when the associated output-enable (OE) input is high.
and –40°C to 125°C
To ensure the high-impedance state during power up
Inputs Accept Voltages to 5.5 V
or power down, OE should be tied to VCC through a
Max tpd of 4.8 ns at 3.3 V
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
Typical VOLP (Output Ground Bounce)
driver.
< 0.8 V at VCC = 3.3 V, TA = 25°C
Typical VOHV (Output VOH Undershoot)
Inputs can be driven from either 3.3-V or 5-V devices.
> 2 V at VCC = 3.3 V, TA = 25°C
This feature allows the use of this device as a
translator in a mixed 3.3-V/5-V system environment.
Latch-Up Performance Exceeds 250 mA
Per JESD 17
Device Information(1)
ESD Protection Exceeds JESD 22
PART NUMBER
PACKAGE (PIN)
BODY SIZE
2000-V Human-Body Model
SOIC (14)
8.65 mm × 3.91 mm
200-V Machine Model
SSOP (14)
6.20 mm × 5.30 mm
SN74LVC125A
SOP (14)
10.30 mm × 5.30 mm
1000-V Charged-Device Model
TSSOP (14)
5.00 mm × 4.40 mm
VQFN (14)
3.50 mm × 3.50 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Cable Modem Termination Systems
the end of the data sheet.
IP Phones: Wired and Wireless
Optical Modules
4 Simplified Schematic
Optical Networking:
EPON or Video Over Fiber
Point-to-Point Microwave Backhaul
Power: Telecom DC/DC Modules:
Analog or Digital
Private Branch Exchanges (PBX)
TETRA Base Stations
Telecom Base Band Units
Telecom Shelters:
Filter Unit s
Power Distribution Units (PDU)
Power Monitoring Units (PMU)
Wireless Battery Monitoring
Remote Electrical Tilt Units (RET)
Remote Radio Units (RRU)
Tower Mounted Amplifiers (TMA)
Vector Signal Analyzers and Generators
Video Conferencing: IP-Based HD
WiMAX and Wireless Infrastructure Equipment
Wireless Communications Testers
xDSL Modems and DSLAM
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC125ARGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125ARGYR TI-SN74LVC125ARGYR Datasheet
281Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LVC125ARGYR TI-SN74LVC125ARGYR Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125ARGYR TI-SN74LVC125ARGYR Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125ARGYR TI1-SN74LVC125ARGYR Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
FEBRUARY 2024
SN74LVC125ARGYRG4 TI-SN74LVC125ARGYRG4 Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC125ARGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com