Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC3G04DCUR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC3G04DCUR
Description  Triple Inverter Gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G04DCUR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC3G04DCUR Datasheet HTML 1Page - Texas Instruments SN74LVC3G04DCUR Datasheet HTML 2Page - Texas Instruments SN74LVC3G04DCUR Datasheet HTML 3Page - Texas Instruments SN74LVC3G04DCUR Datasheet HTML 4Page - Texas Instruments SN74LVC3G04DCUR Datasheet HTML 5Page - Texas Instruments SN74LVC3G04DCUR Datasheet HTML 6Page - Texas Instruments SN74LVC3G04DCUR Datasheet HTML 7Page - Texas Instruments SN74LVC3G04DCUR Datasheet HTML 8Page - Texas Instruments SN74LVC3G04DCUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1A
1Y
1
7
2A
2Y
3
5
3A
3Y
6
2
SN74LVC3G04
SCES363L – AUGUST 2001 – REVISED NOVEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Function Table
(Each Inverter)
INPUT
OUTPUT
A
Y
H
L
L
H
Logic Diagram (Positive Logic)
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output when the output is in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output when the output is in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
DCT package
220
θJA
Package thermal impedance(4)
DCU package
227
°C/W
YZP package
102
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SN74LVC3G04


Similar Part No. - SN74LVC3G04DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G04DCUR TI-SN74LVC3G04DCUR Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE INVERTER GATE
More results

Similar Description - SN74LVC3G04DCUR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC3G04G-S08-R UTC-U74LVC3G04G-S08-R Datasheet
196Kb / 5P
   TRIPLE INVERTER GATE
logo
Texas Instruments
SN74LVC3G04 TI-SN74LVC3G04 Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE INVERTER GATE
SN74LVC3GU04 TI-SN74LVC3GU04 Datasheet
253Kb / 11P
[Old version datasheet]   TRIPLE INVERTER GATE
logo
Diodes Incorporated
74LVC3G04 DIODES-74LVC3G04 Datasheet
463Kb / 8P
   TRIPLE INVERTER GATE
November 2022 2 - 2
logo
Texas Instruments
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com