Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G86DCUT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G86DCUT
Description  Dual 2-Input Exclusive-OR Gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G86DCUT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G86DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 9Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 10Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 11Page - Texas Instruments SN74LVC2G86DCUT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Aug-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74LVC2G86DCTR
ACTIVE
SM8
DCT
8
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
C86
Z
SN74LVC2G86DCTRG4
ACTIVE
SM8
DCT
8
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
C86
Z
SN74LVC2G86DCUR
ACTIVE
VSSOP
DCU
8
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU | CU SN
Level-1-260C-UNLIM
-40 to 125
(C86Q ~ C86R)
SN74LVC2G86DCURG4
ACTIVE
VSSOP
DCU
8
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
C86R
SN74LVC2G86DCUT
ACTIVE
VSSOP
DCU
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAU | CU SN
Level-1-260C-UNLIM
-40 to 125
(C86Q ~ C86R)
SN74LVC2G86YZPR
ACTIVE
DSBGA
YZP
8
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
(CH7 ~ CHN)
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.


Similar Part No. - SN74LVC2G86DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI1-SN74LVC2G80 Datasheet
887Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC2G80 TI1-SN74LVC2G80 Datasheet
888Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC2G80DCTR TI-SN74LVC2G80DCTR Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results

Similar Description - SN74LVC2G86DCUT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com