Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G80DCURG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G80DCURG4
Description  Dual Positive-Edge-Triggered D-Type Flip-Flop
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G80DCURG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G80DCURG4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G80DCURG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G80DCURG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G80DCURG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G80DCURG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G80DCURG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G80DCURG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G80DCURG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G80DCURG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN74LVC2G80
www.ti.com
SCES309F – DECEMBER 2001 – REVISED DECEMBER 2013
Recommended Operating Conditions
(1)
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 × VCC
VCC = 1.65 V to 1.95 V
0.35 × VCC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
Δt/Δv
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC2G80


Similar Part No. - SN74LVC2G80DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G80DCUR TI-SN74LVC2G80DCUR Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80DCUR TI-SN74LVC2G80DCUR Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80DCURE4 TI-SN74LVC2G80DCURE4 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results

Similar Description - SN74LVC2G80DCURG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com