Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032E-200LT48 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ISPLSI2032E-200LT48
Description  In-System Programmable SuperFAST High Density PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032E-200LT48 Datasheet(HTML) 4 Page - Lattice Semiconductor

  ISPLSI2032E-200LT48 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2032E-200LT48 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032E-200LT48 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032E-200LT48 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032E-200LT48 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032E-200LT48 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032E-200LT48 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032E-200LT48 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032E-200LT48 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Specifications ispLSI 2032E
4
+ 5V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213A
DC Electrical Characteristics
Over Recommended Operating Conditions1
Output Load Conditions (see Figure 2)
TEST CONDITION
R1
R2
CL
A
470Ω
390Ω
35pF
B
390Ω
35pF
470Ω
390Ω
35pF
Active High
Active Low
C
470Ω
390Ω
5pF
390Ω
5pF
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2 - 0004A
Input Pulse Levels
Table 2-0003/2032E
Input Rise and Fall Time 10% to 90%
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to 3.0V
1.5V
1.5V
See Figure 2
3-state levels are measured 0.5V from
steady-state active level.
1.5 ns
Figure 2. Test Load
VOL
SYMBOL
1. One output at a time for a maximum duration of one second (VOUT = 0.5V). Characterized, but not 100% tested.
2. Meaured using two 16-bit counters.
3. Typical values are at VCC = 5V and TA = 25°C.
4. Unused inputs held at 0.0V.
5. Available in 48-pin package only.
6. Maximum ICC varies widely with specific device configuration and operating frequency. Refer to the
Power Consumption section of this data sheet and the Thermal Management section of the Lattice Semiconductor
Data Book or CD-ROM to estimate maximum ICC.
Table 2-0007/2032E
VOH
IIH
IIL
PARAMETER
IIL-PU
IOS1
ICC2,4,6
Output Low Voltage
Output High Voltage
Input or I/O Low Leakage Current
I/O Active Pull-Up Current, non-PCI
Output Short Circuit Current, non-PCI
Operating Power Supply Current
IOL = 8 mA
IOH = -4 mA
0V ≤ VIN ≤ VIL (Max.)
0V ≤ VIN ≤ 2.0V
VCCIO = 5V, VOUT = 0.5V
VIL = 0.0V, VIH = 3.0V
CONDITION
MIN.
TYP.
3
MAX. UNITS
2.4
-10
0.4
10
-10
10
-150
-200
V
V
µA
Input or I/O High Leakage Current
VCCIO ≤ VIN ≤ 5.25V
(VCCIO - 0.2)V ≤ VIN ≤ VCCIO
µA
µA
µA
I/O Active Pull-Up Current, PCI
5
0V ≤ VIN ≤ 2.0V
-10
-250
µA
mA
Output Short Circuit Current, PCI
5
VCCIO = 5.0V or 3.3V, VOUT = 0.5V
-240
mA
–85
mA
–65
-225/-200
Others
mA
fTOGGLE = 1 MHz
Switching Test Conditions


Similar Part No. - ISPLSI2032E-200LT48

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032 LATTICE-ISPLSI2032 Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LJ LATTICE-ISPLSI2032-110LJ Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LJI LATTICE-ISPLSI2032-110LJI Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LT44 LATTICE-ISPLSI2032-110LT44 Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LT44I LATTICE-ISPLSI2032-110LT44I Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI2032E-200LT48

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com