Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032E-200LJ44 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ISPLSI2032E-200LJ44
Description  In-System Programmable SuperFAST High Density PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032E-200LJ44 Datasheet(HTML) 3 Page - Lattice Semiconductor

  ISPLSI2032E-200LJ44 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2032E-200LJ44 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032E-200LJ44 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032E-200LJ44 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032E-200LJ44 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032E-200LJ44 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032E-200LJ44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032E-200LJ44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032E-200LJ44 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Specifications ispLSI 2032E
3
Absolute Maximum Ratings 1
Supply Voltage Vcc .................................. -0.5 to +7.0V
Input Voltage Applied ........................ -2.5 to VCC +1.0V
Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V
Storage Temperature ................................ -65 to 150°C
Case Temp. with Power Applied .............. -55 to 125°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Condition
Capacitance (T
A=25°C, f=1.0 MHz)
C
SYMBOL
Table 2-0006/2032E
C
PARAMETER
I/O Capacitance
UNITS
TEST CONDITIONS
1
2
Dedicated Input Capacitance
pf
pf
V = 5.0V, V
= 2.0V
V = 5.0V, V = 2.0V
CC
CC
I/O
IN
C
Clock Capacitance
7
TYP
6
10
3
pf
V = 5.0V, V = 2.0V
CC
Y
Table 2-0008/2032E
PARAMETER
MINIMUM
MAXIMUM
UNITS
Erase/Reprogram Cycles
10,000
Cycles
TA = 0°C to +70°C
SYMBOL
Table 2-0005/2032E
VCC
VIH
VIL
PARAMETER
Supply Voltage: Logic Core, Input Buffers
Input High Voltage
Input Low Voltage
1. 3.3V I/O operation not available for 44-pin packages.
MIN.
MAX.
UNITS
4.75
2.0
0
5.25
Vcc+1
0.8
V
VCCIO
1
Supply Voltage: Output Drivers
4.75
5.25
V
3.3V
5V
3.0
3.6
V
V
V
Erase/Reprogram Specification


Similar Part No. - ISPLSI2032E-200LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032 LATTICE-ISPLSI2032 Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LJ LATTICE-ISPLSI2032-110LJ Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LJI LATTICE-ISPLSI2032-110LJI Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LT44 LATTICE-ISPLSI2032-110LT44 Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LT44I LATTICE-ISPLSI2032-110LT44I Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI2032E-200LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com