Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS283N3 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LS283N3
Description  4-BIT BINARY FULL ADDERS WITH FAST CARRY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS283N3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LS283N3 Datasheet HTML 3Page - Texas Instruments SN74LS283N3 Datasheet HTML 4Page - Texas Instruments SN74LS283N3 Datasheet HTML 5Page - Texas Instruments SN74LS283N3 Datasheet HTML 6Page - Texas Instruments SN74LS283N3 Datasheet HTML 7Page - Texas Instruments SN74LS283N3 Datasheet HTML 8Page - Texas Instruments SN74LS283N3 Datasheet HTML 9Page - Texas Instruments SN74LS283N3 Datasheet HTML 10Page - Texas Instruments SN74LS283N3 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2015
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74S283N3
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
0 to 70
SNJ54LS283FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
76043012A
SNJ54LS
283FK
SNJ54LS283J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
7604301EA
SNJ54LS283J
SNJ54LS283W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
7604301FA
SNJ54LS283W
SNJ54S283J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
SNJ54S283J
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - SN74LS283N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS283N3 TI-SN74LS283N3 Datasheet
317Kb / 8P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN74LS283N3 TI1-SN74LS283N3 Datasheet
642Kb / 11P
[Old version datasheet]   4-BIT BINART FULL ADDERS WITH FAST CARRY
More results

Similar Description - SN74LS283N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S283 TI-SN74S283 Datasheet
317Kb / 8P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN54HC283 TI1-SN54HC283_08 Datasheet
147Kb / 7P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
logo
Hitachi Semiconductor
HD74LS83A HITACHI-HD74LS83A Datasheet
82Kb / 7P
   4-Bit Binary Full Adders(with Fast Carry)
logo
Texas Instruments
SN54F283 TI-SN54F283_08 Datasheet
785Kb / 16P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54HC283 TI-SN54HC283 Datasheet
119Kb / 6P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN54F283 TI-SN54F283_07 Datasheet
532Kb / 13P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54F283 TI-SN54F283 Datasheet
81Kb / 5P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54283 TI-SN54283_08 Datasheet
490Kb / 10P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
logo
National Semiconductor ...
54LS283 NSC-54LS283 Datasheet
158Kb / 8P
   4-Bit Binary Adders with Fast Carry
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283_98 Datasheet
201Kb / 8P
   4-Bit Binary Adders with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com