Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G3157DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G3157DBVR
Description  SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G3157DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G3157DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G3157DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G3157DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G3157DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G3157DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G3157DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G3157DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G3157DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G3157DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
B2
S
1
4
6
A
3
B1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1G3157
SCES424J – JANUARY 2003 – REVISED JUNE 2016
SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
1
1 Features
1
1.65-V to 5.5-V VCC Operation
Useful for Both Analog and Digital Applications
Specified Break-Before-Make Switching
Rail-to-Rail Signal Handling
Operating Frequency Typically 340 MHz at Room
Temperature
High Degree of Linearity
High Speed, Typically 0.5 ns
(VCC = 3 V, CL = 50 pF)
Low ON-State Resistance, Typically
≉6 Ω
(VCC = 4.5 V)
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human Body Model (A114-A)
1000-V Charged-Device Model (C101)
2 Applications
Wearables
Portable Computing
Internet of Things
Audio Signal Processing
3 Description
This single-pole double-throw (SPDT) analog switch
is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G3157 device can handle both analog
and digital signals. The SN74LVC1G3157 device
permits signals with amplitudes of up to VCC (peak) to
be transmitted in either direction.
Applications
include
signal
gating,
chopping,
modulation or demodulation (modem), and signal
multiplexing for analog-to-digital and digital-to-analog
conversion systems.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC1G3157DBV
SOT-23 (6)
2.90 mm × 1.60 mm
SN74LVC1G3157DCK
SC70 (6)
2.00 mm × 1.25 mm
SN74LVC1G3157DRL
SOT (6)
1.60 mm × 1.20 mm
SN74LVC1G3157DRY
SON (6)
1.45 mm × 1.00 mm
SN74LVC1G3157YZP
DSBGA (6)
1.41 mm × 0.91 mm
SN74LVC1G3157DSF
SON (6)
1.00 mm × 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - SN74LVC1G3157DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157DBVR TI-SN74LVC1G3157DBVR Datasheet
313Kb / 16P
[Old version datasheet]   SINGLE-POLE, DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI-SN74LVC1G3157DBVR Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI-SN74LVC1G3157DBVR Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI1-SN74LVC1G3157DBVR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DBVR TI1-SN74LVC1G3157DBVR Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results

Similar Description - SN74LVC1G3157DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_15 Datasheet
1Mb / 35P
[Old version datasheet]   SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com