Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLYZ022 Datasheet(PDF) 1 Page - Texas Instruments

Part No. SLYZ022
Description  SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SLYZ022 Datasheet(HTML) 1 Page - Texas Instruments

  SLYZ022 Datasheet HTML 1Page - Texas Instruments SLYZ022 Datasheet HTML 2Page - Texas Instruments SLYZ022 Datasheet HTML 3Page - Texas Instruments SLYZ022 Datasheet HTML 4Page - Texas Instruments SLYZ022 Datasheet HTML 5Page - Texas Instruments SLYZ022 Datasheet HTML 6Page - Texas Instruments SLYZ022 Datasheet HTML 7Page - Texas Instruments SLYZ022 Datasheet HTML 8Page - Texas Instruments SLYZ022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1Y1
1OE
1A1
1Y2
1A2
1Y3
1A3
1Y4
1A4
2Y1
2OE
2A1
2Y2
2A2
2Y3
2A3
2Y4
2A4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVCZ244A
SCES274I – MAY 1999 – REVISED OCTOBER 2014
SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
1 Features
3 Description
This octal buffer/line driver is designed for 2.7-V to
1
Operates From 2.7 V to 3.6 V
3.6-V VCC operation.
Inputs Accept Voltages to 5.5 V
The SN74LVCZ244A device is organized as two 4-bit
Max tpd of 5.9 ns at 3.3 V
line drivers with separate output-enable (OE) inputs.
Typical VOLP (Output Ground Bounce)
When OE is low, the device passes data from the A
< 0.8 V at VCC = 3.3 V, TA = 25°C
inputs to the Y outputs. When OE is high, the outputs
Typical VOHV (Output VOH Undershoot)
are in the high-impedance state.
> 2 V at VCC = 3.3 V, TA = 25°C
Device Information(1)
Ioff Supports Live Insertion, Partial-Power-Down
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Mode, and Back-Drive Protection
SSOP (20)
7.50 mm x 5.30 mm
Supports Mixed-Mode Signal Operation on All
SOP (20)
12.60 mm x 5.30 mm
Ports (5-V Input/Output Voltage With 3.3-V VCC)
SN74LVCZ244A
TSSOP (20)
6.50 mm x 4.40 mm
Latch-Up Performance Exceeds 100 mA Per
SOIC (20)
12.80 mm x 7.50 mm
JESD 78, Class II
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Servers
Databases
Memory Systems
Network Switches
PCs and Notebooks
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn