Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLYZ022 Datasheet(PDF) 5 Page - Texas Instruments

Part No. SLYZ022
Description  SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SLYZ022 Datasheet(HTML) 5 Page - Texas Instruments

  SLYZ022 Datasheet HTML 1Page - Texas Instruments SLYZ022 Datasheet HTML 2Page - Texas Instruments SLYZ022 Datasheet HTML 3Page - Texas Instruments SLYZ022 Datasheet HTML 4Page - Texas Instruments SLYZ022 Datasheet HTML 5Page - Texas Instruments SLYZ022 Datasheet HTML 6Page - Texas Instruments SLYZ022 Datasheet HTML 7Page - Texas Instruments SLYZ022 Datasheet HTML 8Page - Texas Instruments SLYZ022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN74LVCZ244A
www.ti.com
SCES274I – MAY 1999 – REVISED OCTOBER 2014
7.4 Thermal Information
SN74LVCZ244A
THERMAL METRIC(1)
DB
DW
NS
PW
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
97.7
78.7
77.9
103.5
RθJC(top) Junction-to-case (top) thermal resistance
59.4
45.0
44.5
37.9
RθJB
Junction-to-board thermal resistance
52.9
46.2
45.5
54.5
°C/W
ψJT
Junction-to-top characterization parameter
21.4
18.3
18.3
3.3
ψJB
Junction-to-board characterization parameter
52.5
45.8
45.1
53.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C TO 85°C
–40°C TO 125°C
PARAMET
TEST CONDITIONS
VCC
UNIT
ER
MIN TYP(1)
MAX
MIN
TYP
MAX
IOH = –100 μA
2.7 V to 3.6 V
VCC – 0.2
VCC – 0.2
2.7 V
2.2
2.2
VOH
IOH = –12 mA
V
3 V
2.4
2.4
IOH = –24 mA
3 V
2.2
2.2
IOL = 100 μA
2.7 V to 3.6 V
0.2
0.2
VOL
IOL = 12 mA
2.7 V
0.4
0.4
V
IOL = 24 mA
3 V
0.55
0.55
II
VI = 0 to 5.5 V
3.6 V
±5
±5
μA
Ioff
VI or VO = 5.5 V
0
±5
±5
μA
IOZ
VO = 0 to 5.5 V
3.6 V
±5
±5
μA
IOZPU
VO = 0.5 to 2.5 V,
OE = don't care
0 to 1.5 V
±5
±5
μA
IOZPD
VO = 0.5 to 2.5 V,
OE = don't care
1.5 V to 0
±5
±5
μA
VI = VCC or GND
100
100
ICC
IO = 0
3.6 V
μA
3.6 V
≤ VI ≤ 5.5
100
100
V(2)
One input at VCC – 0.6 V, Other inputs
ΔICC
2.7 V to 3.6 V
100
100
μA
at VCC or GND
Ci
VI = VCC or GND
3.3 V
3.5
pF
Co
VO = VCC or GND
3.3 V
5.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This applies in the disabled state only.
7.6 Switching Characteristics, –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 2.7 V
VCC = 3.3 V ± 0.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd
A or B
B or A
6.9
1.5
5.9
ns
ten
OE
A or B
8.6
1.5
7.6
ns
tdis
OE
A or B
6.8
1.5
6.5
ns
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVCZ244A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn