Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLYZ022 Datasheet(PDF) 2 Page - Texas Instruments

Part No. SLYZ022
Description  SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SLYZ022 Datasheet(HTML) 2 Page - Texas Instruments

  SLYZ022 Datasheet HTML 1Page - Texas Instruments SLYZ022 Datasheet HTML 2Page - Texas Instruments SLYZ022 Datasheet HTML 3Page - Texas Instruments SLYZ022 Datasheet HTML 4Page - Texas Instruments SLYZ022 Datasheet HTML 5Page - Texas Instruments SLYZ022 Datasheet HTML 6Page - Texas Instruments SLYZ022 Datasheet HTML 7Page - Texas Instruments SLYZ022 Datasheet HTML 8Page - Texas Instruments SLYZ022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SN74LVCZ244A
SCES274I – MAY 1999 – REVISED OCTOBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description .............................................. 8
9.1
Overview ................................................................... 8
2
Applications ........................................................... 1
9.2
Functional Block Diagram ......................................... 8
3
Description ............................................................. 1
9.3
Feature Description................................................... 8
4
Simplified Schematic............................................. 1
9.4
Device Functional Modes.......................................... 8
5
Revision History..................................................... 2
10
Application and Implementation.......................... 9
6
Pin Configuration and Functions ......................... 3
10.1
Application Information............................................ 9
7
Specifications......................................................... 4
10.2
Typical Application ................................................. 9
7.1
Absolute Maximum Ratings ..................................... 4
11
Power Supply Recommendations ..................... 11
7.2
Handling Ratings....................................................... 4
12
Layout................................................................... 11
7.3
Recommended Operating Conditions ...................... 4
12.1
Layout Guidelines ................................................. 11
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 11
7.5
Electrical Characteristics........................................... 5
13
Device and Documentation Support ................. 12
7.6
Switching Characteristics, –40°C to 85°C................. 5
13.1
Trademarks ........................................................... 12
7.7
Switching Characteristics, –40°C to 125°C............... 6
13.2
Electrostatic Discharge Caution ............................ 12
7.8
Operating Characteristics.......................................... 6
13.3
Glossary ................................................................ 12
7.9
Typical Characteristics .............................................. 6
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information .................. 7
Information ........................................................... 12
8.1
VCC = 2.7 V and 3.3 V ± 0.3 V .................................. 7
5 Revision History
Changes from Revision H (August 2003) to Revision I
Page
Updated document to new TI data sheet standards. ............................................................................................................. 1
Deleted Ordering Information table. ....................................................................................................................................... 1
Changed Ioff bullet in Features. .............................................................................................................................................. 1
Added Applications. ................................................................................................................................................................ 1
Added Pin Functions table...................................................................................................................................................... 3
Added Handling Ratings table. ............................................................................................................................................... 4
Changed Max operating temperature to 125°C in Recommended Operating Conditions table. .......................................... 4
Added Thermal Information table. .......................................................................................................................................... 5
Added –40°C TO 125°C temperature range to Electrical Characteristics table. .................................................................... 5
Added Switching Characteristics table for –40°C TO 125°C temperature range. .................................................................. 6
Added Typical Characteristics section.................................................................................................................................... 6
Added Detailed Description section........................................................................................................................................ 8
Added Application and Implementation section...................................................................................................................... 9
Added Power Supply Recommendations and Layout sections............................................................................................ 11
2
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVCZ244A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn