Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032E-135LJ44 Datasheet(PDF) 14 Page - Lattice Semiconductor

Part # ISPLSI2032E-135LJ44
Description  In-System Programmable SuperFAST High Density PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032E-135LJ44 Datasheet(HTML) 14 Page - Lattice Semiconductor

Back Button ISPLSI2032E-135LJ44 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 14Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Specifications ispLSI 2032E
14
ispLSI 2032E Ordering Information
Part Number Description
Device Number
ispLSI 2032E
XXX
X
XXX
Grade
Blank = Commercial
X
Speed
225 = 225 MHz
fmax
200 = 200 MHz
fmax
180 = 180 MHz
fmax
135 = 135 MHz
fmax
110 = 110 MHz
fmax
Power
L = Low
Package
J44 = PLCC
T44 = TQFP
T48 = TQFP
Device Family
0212/2032E
180
180
44-Pin TQFP
5.0
5.0
ispLSI 2032E-180LT44
48-Pin TQFP
ispLSI 2032E-180LT48
Table 2-0041/2032E
FAMILY
fmax (MHz)
225
225
225
ORDERING NUMBER
PACKAGE
44-Pin PLCC
44-Pin TQFP
tpd (ns)
3.5
3.5
3.5
ispLSI
ispLSI 2032E-225LJ44
ispLSI 2032E-225LT44
48-Pin TQFP
ispLSI 2032E-225LT48
180
44-Pin PLCC
5.0
ispLSI 2032E-180LJ44
110
110
*2032E-225 recommended for new designs.
44-Pin TQFP
10.0
10.0
ispLSI 2032E-110LT44
48-Pin TQFP
ispLSI 2032E-110LT48
135
135
135
44-Pin PLCC
44-Pin TQFP
7.5
7.5
7.5
ispLSI 2032E-135LJ44
ispLSI 2032E-135LT44
48-Pin TQFP
ispLSI 2032E-135LT48
110
44-Pin PLCC
10.0
ispLSI 2032E-110LJ44
200
3.5
48-Pin TQFP
ispLSI 2032E-200LT48*
COMMERCIAL


Similar Part No. - ISPLSI2032E-135LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032 LATTICE-ISPLSI2032 Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LJ LATTICE-ISPLSI2032-110LJ Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LJI LATTICE-ISPLSI2032-110LJI Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LT44 LATTICE-ISPLSI2032-110LT44 Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LT44I LATTICE-ISPLSI2032-110LT44I Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI2032E-135LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com