Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032E-135LJ44 Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI2032E-135LJ44
Description  In-System Programmable SuperFAST High Density PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032E-135LJ44 Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI2032E-135LJ44 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2032E-135LJ44 Datasheet HTML 14Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Specifications ispLSI 2032E
10
Power consumption in the ispLSI 2032E device depends
on two primary factors: the speed at which the device is
operating and the number of Product Terms used.
Figure 3 shows the relationship between power and
operating speed.
Figure 3. Typical Device Power Consumption vs fmax
Power Consumption
0127A/2032E
ICC can be estimated for the ispLSI 2032E using the following equation:
For 2032E-225 and -200: ICC = 4.5 + (# of PTs * 1.3) + (# of nets * Max freq * 0.0035)
For 2032E-180 and Slower: ICC = 4.5 + (# of PTs * 1.02) + (# of nets * Max freq * 0.0035)
Where:
# of PTs = Number of Product Terms used in design
# of nets = Number of Signals used in device
Max freq = Highest Clock Frequency to the device (in MHz)
The ICC estimate is based on typical conditions (VCC = 5.0V, room temperature) and an assumption of two GLB
loads on average exists. These values are for estimates only. Since the value of ICC is sensitive to operating
conditions and the program in the device, the actual ICC should be verified.
60
80
100
120
40
6080
100 120 140 160 180
200 220 240
fmax (MHz)
Notes: Configuration of two 16-bit counters
Typical current at 5V, 25°C
90
70
40
50
110
120
130
140
150
ispLSI 2032E-225 and -200
ispLSI 2032E-180
and Slower


Similar Part No. - ISPLSI2032E-135LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032 LATTICE-ISPLSI2032 Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LJ LATTICE-ISPLSI2032-110LJ Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LJI LATTICE-ISPLSI2032-110LJI Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LT44 LATTICE-ISPLSI2032-110LT44 Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
ISPLSI2032-110LT44I LATTICE-ISPLSI2032-110LT44I Datasheet
145Kb / 15P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI2032E-135LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com