Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV08APWRG3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV08APWRG3
Description  Quadruple 2-Input Positive-AND Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV08APWRG3 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV08APWRG3 Datasheet HTML 1Page - Texas Instruments SN74LV08APWRG3 Datasheet HTML 2Page - Texas Instruments SN74LV08APWRG3 Datasheet HTML 3Page - Texas Instruments SN74LV08APWRG3 Datasheet HTML 4Page - Texas Instruments SN74LV08APWRG3 Datasheet HTML 5Page - Texas Instruments SN74LV08APWRG3 Datasheet HTML 6Page - Texas Instruments SN74LV08APWRG3 Datasheet HTML 7Page - Texas Instruments SN74LV08APWRG3 Datasheet HTML 8Page - Texas Instruments SN74LV08APWRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SN74LV08A
www.ti.com
SCLS387M – SEPTEMBER 1997 – REVISED OCTOBER 2014
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
SN74LV08A
UNIT
MIN
MAX
VCC
Supply voltage
2
5.5
V
VCC = 2 V
1.5
VCC = 2.3 V to 2.7 V
VCC × 0.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC = 2 V
0.5
VCC = 2.3 V to 2.7 V
VCC × 0.3
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3 5
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2 V
–50
µA
VCC = 2.3 V to 2.7 V
–2
IOH
High-level output current
VCC = 3 V to 3.6 V
–6
mA
VCC = 4.5 V to 5.5 V
–12
VCC = 2 V
50
µA
VCC = 2.3 V to 2.7 V
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
6
mA
VCC = 4.5 V to 5.5 V
12
VCC = 2.3 V to 2.7 V
200
Δt/Δv
Input transition rise and fall rate
VCC = 3 V to 3.6 V
100
ns/V
VCC = 4.5 V to 5.5 V
20
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
7.4 Thermal Information
SN74LV08A
THERMAL METRIC(1)
D
DB
DGV
N
NS
PW
RGY
UNIT
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
Junction-to-ambient thermal
RθJA
90.6
107.1
129.0
57.4
90.7
122.6
57.5
resistance
Junction-to-case (top) thermal
RθJC(top)
50.9
59.6
52.1
44.9
48.3
51.4
70.8
resistance
Junction-to-board thermal
RθJB
44.8
54.4
62.0
37.2
49.4
64.4
33.6
resistance
°C/W
Junction-to-top characterization
ψJT
14.7
20.5
6.5
30.1
14.6
6.7
3.4
parameter
Junction-to-board characterization
ψJB
44.5
53.8
61.3
37.1
49.1
63.8
33.7
parameter
Junction-to-case (bottom) thermal
RθJC(bot)
13.9
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LV08A


Similar Part No. - SN74LV08APWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV08APWRG4 TI-SN74LV08APWRG4 Datasheet
405Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LV08APWRG4 TI-SN74LV08APWRG4 Datasheet
799Kb / 18P
[Old version datasheet]   QUADRUPLE2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74LV08APWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com