Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV595AD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV595AD
Description  8-Bit Shift Registers With 3-State Output Registers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV595AD Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LV595AD Datasheet HTML 5Page - Texas Instruments SN74LV595AD Datasheet HTML 6Page - Texas Instruments SN74LV595AD Datasheet HTML 7Page - Texas Instruments SN74LV595AD Datasheet HTML 8Page - Texas Instruments SN74LV595AD Datasheet HTML 9Page - Texas Instruments SN74LV595AD Datasheet HTML 10Page - Texas Instruments SN74LV595AD Datasheet HTML 11Page - Texas Instruments SN74LV595AD Datasheet HTML 12Page - Texas Instruments SN74LV595AD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
SN74LV595A
www.ti.com
SCLS414Q – APRIL 1998 – REVISED APRIL 2016
Product Folder Links: SN74LV595A
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6.9 Switching Characteristics, VCC = 2.5 V ± 0.2 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
–40°C to 85°C
SN74LV595A
–40°C to 125°C
SN74LV595A
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
CL = 15 pF
65(1)
80(1)
45
45
MHz
CL = 50 pF
60
70
40
40
tPLH
RCLK
QA– QH
CL = 15 pF
8.4(1)
14.2(1)
1
15.8
1
16.8
ns
tPHL
8.4(1)
14.2(1)
1
15.8
1
16.8
tPLH
SRCLK
QH’
9.4(1)
19.6(1)
1
22.2
1
23.2
tPHL
9.4(1)
19.6(1)
1
22.2
1
23.2
tPHL
SRCLR
QH’
8.7(1)
14.6(1)
1
16.3
1
17.3
tPZH
OE
QA– QH
8.2(1)
13.9(1)
1
15
1
16
tPZL
10.9(1)
18.1(1)
1
20.3
1
21.3
tPHZ
OE
QA– QH
8.3(1)
13.7(1)
1
15.6
1
16.6
tPLZ
9.2(1)
15.2(1)
1
16.7
1
17.7
tPLH
RCLK
QA– QH
CL = 50 pF
11.2
17.2
1
19.3
1
21.3
ns
tPHL
11.2
17.2
1
19.3
1
21.3
tPLH
SRCLK
QH’
13.1
22.5
1
25.5
1
27.5
tPHL
13.1
22.5
1
25.5
1
27.5
tPHL
SRCLR
QH’
12.4
18.8
1
21.1
1
23.1
tPZH
OE
QA– QH
10.8
17
1
18.3
1
20.3
tPZL
13.4
21
1
23
1
25
tPHZ
OE
QA– QH
12.2
18.3
1
19.5
1
21.5
tPLZ
14
20.9
1
22.6
1
24.6
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6.10 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
–40°C to 85°C
SN74LV595A
–40°C to 125°C
SN74LV595A
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
CL = 15 pF
80(1)
120(1)
70
70
MHz
CL = 50 pF
55
105
50
50
tPLH
RCLK
QA– QH
CL = 15 pF
6(1)
11.9(1)
1
13.5
1
14.5
ns
tPHL
6(1)
11.9(1)
1
13.5
1
14.5
tPLH
SRCLK
QH’
6.6(1)
13(1)
1
15
1
16
tPHL
6.6(1)
13(1)
1
15
1
16
tPHL
SRCLR
QH’
6.2(1)
12.8(1)
1
13.7
1
14.7
tPZH
OE
QA– QH
6(1)
11.5(1)
1
13.5
1
14.5
tPZL
7.8(1)
11.5(1)
1
13.5
1
14.5
tPHZ
OE
QA– QH
6.1(1)
14.7(1)
1
15.2
1
16.2
tPLZ
6.3(1)
14.7(1)
1
15.2
1
16.2
tPLH
RCLK
QA– QH
CL = 50 pF
7.9
15.4
1
17
1
19
ns
tPHL
7.9
15.4
1
17
1
19
tPLH
SRCLK
QH’
9.2
16.5
1
18.5
1
20.5
tPHL
9.2
16.5
1
18.5
1
20.5
tPHL
SRCLR
QH’
9
16.3
1
17.2
1
19.2
tPZH
OE
QA– QH
7.8
15
1
17
1
19
tPZL
9.6
15
1
17
1
19
tPHZ
OE
QA– QH
8.1
15.7
1
16.2
1
18.2
tPLZ
9.3
15.7
1
16.2
1
18.2


Similar Part No. - SN74LV595AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV595AD TI-SN74LV595AD Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV595AD TI-SN74LV595AD Datasheet
755Kb / 22P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV595AD TI-SN74LV595AD Datasheet
1Mb / 39P
[Old version datasheet]   SN74LV595A 8-Bit Shift Registers With 3-State Output Registers
REVISED JUNE 2022
SN74LV595AD TI-SN74LV595AD Datasheet
2Mb / 42P
[Old version datasheet]   SN74LV595A 8-Bit Shift Registers With 3-State Output Registers
REVISED NOVEMBER 2022
SN74LV595ADB TI-SN74LV595ADB Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74LV595AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com