Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV08APWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV08APWR
Description  Quadruple 2-Input Positive-AND Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV08APWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV08APWR Datasheet HTML 1Page - Texas Instruments SN74LV08APWR Datasheet HTML 2Page - Texas Instruments SN74LV08APWR Datasheet HTML 3Page - Texas Instruments SN74LV08APWR Datasheet HTML 4Page - Texas Instruments SN74LV08APWR Datasheet HTML 5Page - Texas Instruments SN74LV08APWR Datasheet HTML 6Page - Texas Instruments SN74LV08APWR Datasheet HTML 7Page - Texas Instruments SN74LV08APWR Datasheet HTML 8Page - Texas Instruments SN74LV08APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN74LV08A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
SN74LV08A . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
SN74LV08A
www.ti.com
SCLS387M – SEPTEMBER 1997 – REVISED OCTOBER 2014
6 Pin Configuration and Functions
Pin Functions
PIN
SN74LV08A
I/O
DESCRIPTION
NAME
D, DB, DGV,
NS, PW, RGY
1A
1
I
1A Input
1B
2
I
1B Input
1Y
3
O
1Y Output
2A
4
I
2A Input
2B
5
I
2B Input
2Y
6
O
2Y Output
3Y
8
O
3Y Output
3A
9
I
3A Input
3B
10
I
3B Input
4Y
11
O
4Y Output
4A
12
I
4A Input
4B
13
I
4B Input
GND
7
Ground Pin
VCC
14
Power Pin
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LV08A


Similar Part No. - SN74LV08APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV08APWR TI-SN74LV08APWR Datasheet
405Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LV08APWR TI-SN74LV08APWR Datasheet
799Kb / 18P
[Old version datasheet]   QUADRUPLE2-INPUT POSITIVE-AND GATES
SN74LV08APWR TI-SN74LV08APWR Datasheet
829Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LV08APWRE4 TI-SN74LV08APWRE4 Datasheet
405Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LV08APWRE4 TI-SN74LV08APWRE4 Datasheet
799Kb / 18P
[Old version datasheet]   QUADRUPLE2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74LV08APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com