Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH16646ADLRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74LVCH16646ADLRG4
Description  16-BIT BUS TRANSCEIVER AND REGISTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCH16646ADLRG4 Datasheet(HTML) 4 Page - Texas Instruments

  74LVCH16646ADLRG4 Datasheet HTML 1Page - Texas Instruments 74LVCH16646ADLRG4 Datasheet HTML 2Page - Texas Instruments 74LVCH16646ADLRG4 Datasheet HTML 3Page - Texas Instruments 74LVCH16646ADLRG4 Datasheet HTML 4Page - Texas Instruments 74LVCH16646ADLRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH16646ADLRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH16646ADLRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH16646ADLRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH16646ADLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
1A1
1B1
1D
C1
1D
C1
One of Eight Channels
1SAB
1CLKAB
1SBA
1CLKBA
1DIR
1OE
To Seven Other Channels
2A1
2B1
1D
C1
1D
C1
One of Eight Channels
2SAB
2CLKAB
2SBA
2CLKBA
2DIR
2OE
To Seven Other Channels
56
1
55
54
2
3
5
29
28
30
31
27
26
15
52
42
SN74LVCH16646A
16-BIT BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS318K – NOVEMBER 1993 – REVISED MARCH 2005
LOGIC DIAGRAM (POSITIVE LOGIC)
4


Similar Part No. - 74LVCH16646ADLRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH162244A PHILIPS-74LVCH162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVCH162244A PHILIPS-74LVCH162244A Datasheet
104Kb / 16P
   16-bit buffer/line driver, 30 OHM series
2003 Dec 12
logo
Nexperia B.V. All right...
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
logo
NXP Semiconductors
74LVCH162244ADGG PHILIPS-74LVCH162244ADGG Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVCH162244ADGG PHILIPS-74LVCH162244ADGG Datasheet
104Kb / 16P
   16-bit buffer/line driver, 30 OHM series
2003 Dec 12
More results

Similar Description - 74LVCH16646ADLRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com