Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV08ADR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV08ADR
Description  Quadruple 2-Input Positive-AND Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV08ADR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV08ADR Datasheet HTML 1Page - Texas Instruments SN74LV08ADR Datasheet HTML 2Page - Texas Instruments SN74LV08ADR Datasheet HTML 3Page - Texas Instruments SN74LV08ADR Datasheet HTML 4Page - Texas Instruments SN74LV08ADR Datasheet HTML 5Page - Texas Instruments SN74LV08ADR Datasheet HTML 6Page - Texas Instruments SN74LV08ADR Datasheet HTML 7Page - Texas Instruments SN74LV08ADR Datasheet HTML 8Page - Texas Instruments SN74LV08ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
A
B
Y
A
B
Y
A
B
Y
A
B
Y
Y = A
B or Y = A
B
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LV08A
SCLS387M – SEPTEMBER 1997 – REVISED OCTOBER 2014
SN74LV08A Quadruple 2-Input Positive-AND Gates
1 Features
2 Applications
1
2-V to 5.5-V VCC Operation
Servers
Max tpd of 7 ns at 5 V
Telecom Infrastructure
Typical VOLP (Output Ground Bounce)
PCs and Notebooks
< 0.8 V at VCC = 3.3 V, TA = 25°C
TV Set-Top Boxes
Typical VOHV (Output VOH Undershoot)
3 Description
> 2.3 V at VCC = 3.3 V, TA = 25°C
This quadruple 2-input positive-AND gate is designed
Support Mixed-Mode Voltage Operation on
for 2-V to 5.5-V VCC operation. The SN74LV08A
All Ports
device
performs
the
Boolean
function
Ioff Supports Live Insertion, Partial-Power-Down
in positive logic.
Mode, and Back-Drive Protection
Latch-Up Performance Exceeds 250 mA
Device Information(1)
Per JESD 17
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD Protection Exceeds JESD 22
TVSOP (14)
3.60 mm × 4.40 mm
2000-V Human-Body Model
SOIC (14)
8.65 mm × 3.91 mm
SN74LV08A
VQFN (14)
3.50 mm× 3.50 mm
200-V Machine Model
SSOP (14)
6.20 mm × 5.30 mm
1000-V Charged-Device Model
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LV08ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV08ADR TI-SN74LV08ADR Datasheet
405Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LV08ADR TI-SN74LV08ADR Datasheet
799Kb / 18P
[Old version datasheet]   QUADRUPLE2-INPUT POSITIVE-AND GATES
SN74LV08ADR TI-SN74LV08ADR Datasheet
829Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LV08ADRE4 TI-SN74LV08ADRE4 Datasheet
405Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LV08ADRE4 TI-SN74LV08ADRE4 Datasheet
799Kb / 18P
[Old version datasheet]   QUADRUPLE2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74LV08ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com