Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAG665 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # LAG665
Description  IC for Headphone Stereos Monolithic IC LAG 665
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

LAG665 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  LAG665 Datasheet HTML 1Page - Mitsumi Electronics, Corp. LAG665 Datasheet HTML 2Page - Mitsumi Electronics, Corp. LAG665 Datasheet HTML 3Page - Mitsumi Electronics, Corp. LAG665 Datasheet HTML 4Page - Mitsumi Electronics, Corp. LAG665 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MITSUMI
IC for Headphone Stereos LAG665
Switch Matrix
Switch Number
Conditions
Item
123456789 10 11
(Except where noted otherwise,
RL=16
Ω, VCC=3V, Fosc=1kHz)
Consumption current
c
c
a
b
b
a
b
b
b
a
a
IM=0mA, VR=max.
Amp unit
Closed-circuit gain
bbb
Vo=-10dBm
Maximum output voltage
THD=10%
Total harmonic distortion ratio
Vo=400mVrms
Output noise voltage
cc
Measured after inserting BPF (30 Hz to 20 kHz)
Preamp unit
b
VO=-10dBm, measured with channels swapped
Crosstalk between channels
using SW1, SW2
cb
Output voltage with preamp off ba
VIN=100mVrms
Maximum input voltage
aaa
VIN voltage when VR=mid, THD=10%
Maximum attenuation
Difference in VO output when VR=max and
Attenuator unit
output voltage when VR=min
Voltage gain
POUT=5mW
Voltage gain difference
Channel output difference at VR=max
between channels
Maximum output power Ib
a
RL=32
Ω, THD=10%
Maximum output power II
a
b
RL=16
Ω, THD=10%
Power amp unit
Total harmonic distortion ratio
POUT=5mW
Crosstalk between channels
c
POUT=5mW measured with channels swapped
ca
output voltage when VR=min
Output noise voltage
c
b
VR=min.
Ripple rejection
b
a
b
VR=max.
Pre + power noise
a
b
a
VR=max.
Consumption currentt
a
a
IM=0mA
Startup current
b
Reference voltage
a
IM=100mA (15~16PIN)
Reference voltage fluctuation I
IM=100mA, VCC=2.1~5.0V (13~17PIN)
Motor uni
Reference voltage fluctuation II
Vcc=3.0V, IM=25~250mA
Output voltage on forced on
a
IM=200mA
Leakage current on forced off
ba
b
Characteristics
THD-VOUT
10.0
1.0
0.1
0.01
-30
-20
-10
0
Output voltage (dBm)
VCC=1.8V
VCC=2.0V
VCC=3.0V
0/6
1/6
2/6
3/6
4/6
5/6
6/6
(min.)
(max.)
0
-20
-40
-60
-80
VCC=3.0V
VATT-VCONT
Voltage controllability
(B curve mechanical knob)
Preamp
Attenuator
Note: For switches with only on and off states, a = on and b = off.


Similar Part No. - LAG665

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
LAG668D MITSUMI-LAG668D Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
LAG668F MITSUMI-LAG668F Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
More results

Similar Description - LAG665

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LAG673 MITSUMI-LAG673 Datasheet
112Kb / 4P
   IC for Headphone Stereos Monolithic IC
MM1376 MITSUMI-MM1376 Datasheet
81Kb / 3P
   IC for Headphone Stereos
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
MM1336 MITSUMI-MM1336 Datasheet
88Kb / 3P
   IC for Headphone Stereos (with volume-limiting circuit) Monolithic IC MM1336
logo
Sony Corporation
CXA2566M SONY-CXA2566M Datasheet
153Kb / 12P
   Headphone Stereos
logo
Mitsumi Electronics, Co...
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
logo
Shenzhen Huazhimei Semi...
HM5266 HMSEMI-HM5266 Datasheet
187Kb / 4P
   IC for Apple Headphone Cable
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Shenzhen Huazhimei Semi...
HM5268 HMSEMI-HM5268 Datasheet
522Kb / 5P
   IC for Apple Headphone Cable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com