Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G04DRY2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G04DRY2
Description  SN74LVC1G04 Single Inverter Gate
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G04DRY2 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1G04DRY2 Datasheet HTML 1Page - Texas Instruments SN74LVC1G04DRY2 Datasheet HTML 2Page - Texas Instruments SN74LVC1G04DRY2 Datasheet HTML 3Page - Texas Instruments SN74LVC1G04DRY2 Datasheet HTML 4Page - Texas Instruments SN74LVC1G04DRY2 Datasheet HTML 5Page - Texas Instruments SN74LVC1G04DRY2 Datasheet HTML 6Page - Texas Instruments SN74LVC1G04DRY2 Datasheet HTML 7Page - Texas Instruments SN74LVC1G04DRY2 Datasheet HTML 8Page - Texas Instruments SN74LVC1G04DRY2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
NC – No internal connection
DNU – Do not use
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
2
5
3
4
Y
1
A
GND
NC
V
CC
DCK PACKAGE
(TOP VIEW)
3
4
GND
2
A
Y
1
NC
5
V
CC
DRL PACKAGE
(TOP VIEW)
2
A
1
NC
3
4
GND
Y
5
V
CC
DRY PACKAGE
(TOP VIEW)
A
NC
NC
6
5
4
2
3
GND
Y
V
CC
1
NC
GND
DSF PACKAGE
(TOP VIEW)
A
V
CC
Y
NC
6
5
4
2
3
1
1
5
2
3
A
GND
Y
V
CC
DPW PACKAGE
(TOP VIEW)
NC
4
YZV PACKAGE
(TOP VIEW)
A
GND
Y
V
CC
A1
A2
B1
B2
YZP PACKAGE
(TOP VIEW)
A
GND
DNU
V
CC
Y
C2
C1
B1
B2
A1
A2
SN74LVC1G04
www.ti.com
SCES214AD –APRIL 1999–REVISED OCTOBER 2014
6 Pin Configuration and Functions
Pin Functions
PIN
DESCRIPTION
DBV, DCK,
NAME
DSF, DRY
YZP
YZV
DPW
DRL
NC
1
1, 5
A1, B2
1
No connect
A
2
2
B1
A1
2
Input
GND
3
3
C1
B1
3
Ground
Y
4
4
C2
B2
4
Output
VCC
5
6
A2
A2
5
Power terminal
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC1G04


Similar Part No. - SN74LVC1G04DRY2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G04DRY2 TI1-SN74LVC1G04DRY2 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
More results

Similar Description - SN74LVC1G04DRY2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_15 Datasheet
1Mb / 41P
[Old version datasheet]   SN74LVC1G04 Single Inverter Gate
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com