Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G00DCKT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G00DCKT
Description  SN74LVC1G00_16
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G00DCKT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G00DCKT Datasheet HTML 2Page - Texas Instruments SN74LVC1G00DCKT Datasheet HTML 3Page - Texas Instruments SN74LVC1G00DCKT Datasheet HTML 4Page - Texas Instruments SN74LVC1G00DCKT Datasheet HTML 5Page - Texas Instruments SN74LVC1G00DCKT Datasheet HTML 6Page - Texas Instruments SN74LVC1G00DCKT Datasheet HTML 7Page - Texas Instruments SN74LVC1G00DCKT Datasheet HTML 8Page - Texas Instruments SN74LVC1G00DCKT Datasheet HTML 9Page - Texas Instruments SN74LVC1G00DCKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Temperature - °C
-100
-50
0
50
100
150
0
1
2
3
4
5
6
D001
TPD
Vcc - V
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
D002
TPD
SN74LVC1G00
SCES212AB – APRIL 1999 – REVISED APRIL 2014
www.ti.com
7.9 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
22
22
23
25
pF
7.10 Typical Characteristics
Figure 1. TPD Across Temperature at 3.3V Vcc
Figure 2. TPD Across Vcc at 25°C
6
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G00


Similar Part No. - SN74LVC1G00DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G00DCKT TI-SN74LVC1G00DCKT Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DCKT TI-SN74LVC1G00DCKT Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DCKT TI-SN74LVC1G00DCKT Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DCKTE4 TI-SN74LVC1G00DCKTE4 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DCKTE4 TI-SN74LVC1G00DCKTE4 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com