Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCH16652A Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVCH16652A
Description  SN74LVCH16652A 16-Bit Bus Transceiver and Register with 3-State Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCH16652A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVCH16652A_15 Datasheet HTML 4Page - Texas Instruments SN74LVCH16652A_15 Datasheet HTML 5Page - Texas Instruments SN74LVCH16652A_15 Datasheet HTML 6Page - Texas Instruments SN74LVCH16652A_15 Datasheet HTML 7Page - Texas Instruments SN74LVCH16652A_15 Datasheet HTML 8Page - Texas Instruments SN74LVCH16652A_15 Datasheet HTML 9Page - Texas Instruments SN74LVCH16652A_15 Datasheet HTML 10Page - Texas Instruments SN74LVCH16652A_15 Datasheet HTML 11Page - Texas Instruments SN74LVCH16652A_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SN74LVCH16652A
SCAS319J – NOVEMBER 1993 – REVISED DECEMBER 2014
www.ti.com
7.6 Timing Requirements, 40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
120
150
150
150
MHz
tw
Pulse duration, CLK high or low
See(1)
See(1)
3.3
3.3
ns
tsu
Setup time, A or B before CLKAB
↑ or CLKBA↑
5
3.8
3.4
3
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
0.7
0.5
0
0.2
ns
(1)
This information was not available at the time of publication.
7.7 Timing Requirements, 40°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
120
150
150
150
MHz
tw
Pulse duration, CLK high or low
See(1)
See(1)
3.3
3.3
ns
tsu
Setup time, A or B before CLKAB
↑ or CLKBA↑
5.3
3.5
3.4
3
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
0.8
0.5
0
0.2
ns
(1)
This information was not available at the time of publication.
7.8 Switching Characteristics, 40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
120
150
150
150
MHz
A or B
B or A
9.1
11.8
6.9
8.6
6.4
1.4
6.3
tpd
CLKAB or CLKBA
A or B
10.4
7.3
7.3
2.4
6.4
ns
SAB or SBA
B or A
12.5
9.6
8.8
1.9
7.4
ten
OE or OE
A or B
23.4
9.3
6.6
1.6
6.3
ns
tdis
OE or OE
A or B
15.9
8.2
6.6
1.2
6.2
ns
7.9 Switching Characteristics, 40°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
120
150
150
150
MHz
A or B
B or A
10
7.6
6.4
1.4
6.3
tpd
CLKAB or CLKBA
A or B
11.6
9.1
7.3
2.4
6.4
ns
SAB or SBA
B or A
13.1
9.9
8.8
1.9
7.4
ten
OE or OE
A or B
2.1
8.5
6.6
1.6
6.3
ns
tdis
OE or OE
A or B
18.6
8.2
6.6
1.2
6.2
ns
8
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVCH16652A


Similar Part No. - SN74LVCH16652A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652ADGG TI-SN74LVCH16652ADGG Datasheet
189Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652ADL TI-SN74LVCH16652ADL Datasheet
189Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH16652A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A TI-SN74LVCH16652A Datasheet
189Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74AVC16646 TI-SN74AVC16646 Datasheet
225Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16646A TI-SN74LVCH16646A Datasheet
190Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com