Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G07DCKTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G07DCKTG4
Description  SN74LVC1G07 Single Buffer/Driver With Open-Drain Output
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G07DCKTG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G07DCKTG4 Datasheet HTML 1Page - Texas Instruments SN74LVC1G07DCKTG4 Datasheet HTML 2Page - Texas Instruments SN74LVC1G07DCKTG4 Datasheet HTML 3Page - Texas Instruments SN74LVC1G07DCKTG4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G07DCKTG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G07DCKTG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G07DCKTG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G07DCKTG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G07DCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
SN74LVC1G07
www.ti.com
SCES296AD – FEBRUARY 2000 – REVISED MAY 2016
Product Folder Links: SN74LVC1G07
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
5.5
V
Data retention only
1.5
VIH
High-level input voltage
VCC = 1.65 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 × VCC
VIL
Low-level input voltage
VCC = 1.65 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
5.5
V
IOL
Low-level output current
VCC = 1.65 V
4
mA
VCC = 2.3 V
8
VCC = 3 V
16
24
VCC = 4.5 V
32
Δt/Δv
Input transition rise or fall rate
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
ns/V
VCC = 3.3 V ± 0.3 V
10
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
DSBGA package
–40
85
°C
All other packages
–40
125
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LVC1G07
UNIT
DBV
DCK
DRL
DRY
YZP
DPW
5 PINS
5 PINS
5 PINS
6 PINS
5 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
229
278
243
439
130
340
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
164
93
78
277
54
215
RθJB
Junction-to-board thermal resistance
62
65
78
271
51
294
ψJT
Junction-to-top characterization parameter
44
2
10
84
1
41
ψJB
Junction-to-board characterization parameter
62
64
77
271
50
294
RθJC(bot)
Junction-to-case (bottom) thermal resistance
250


Similar Part No. - SN74LVC1G07DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07DCKTG4 TI-SN74LVC1G07DCKTG4 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DCKTG4 TI-SN74LVC1G07DCKTG4 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DCKTG4 TI1-SN74LVC1G07DCKTG4 Datasheet
1Mb / 25P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DCKTG4 TI1-SN74LVC1G07DCKTG4 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
More results

Similar Description - SN74LVC1G07DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07-Q1 TI1-SN74LVC1G07-Q1_V01 Datasheet
1Mb / 21P
[Old version datasheet]   SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com