Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G02DPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G02DPWR
Description  SN74LVC1G02 Single 2-Input Positive NOR-Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G02DPWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G02DPWR Datasheet HTML 1Page - Texas Instruments SN74LVC1G02DPWR Datasheet HTML 2Page - Texas Instruments SN74LVC1G02DPWR Datasheet HTML 3Page - Texas Instruments SN74LVC1G02DPWR Datasheet HTML 4Page - Texas Instruments SN74LVC1G02DPWR Datasheet HTML 5Page - Texas Instruments SN74LVC1G02DPWR Datasheet HTML 6Page - Texas Instruments SN74LVC1G02DPWR Datasheet HTML 7Page - Texas Instruments SN74LVC1G02DPWR Datasheet HTML 8Page - Texas Instruments SN74LVC1G02DPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC1G02
SCES213X – APRIL 1999 – REVISED APRIL 2014
SN74LVC1G02 Single 2-Input Positive NOR-Gate
1 Features
3 Description
This single 2-input positive-NOR gate is designed for
1
Available in the Ultra-Small 0.64 mm2
1.65-V to 5.5-V VCC operation.
Package (DPW) with 0.5-mm Pitch
The SN74LVC1G02 performs the Boolean function
Supports 5-V VCC Operation
Y = A + B or Y = A • B in positive logic.
Inputs Accept Voltages to 5.5 V
The CMOS device has high output drive while
Provides Down Translation to VCC
maintaining low static power dissipation over a broad
Max tpd of 3.6 ns at 3.3 V
VCC operating range.
Low Power Consumption, 10-
μA Max ICC
The SN74LVC1G02 device is available in a variety of
±24-mA Output Drive at 3.3 V
packages, including the ultra-small DPW package
Ioff Supports Live Insertion, Partial-Power-Down
with a body size of 0.8 × 0.8 mm.
Mode, and Back-Drive Protection
Device Information(1)
Latch-Up Performance Exceeds 100 mA
DEVICE NAME
PACKAGE
BODY SIZE
Per JESD 78, Class II
SOT-23 (5)
2.9mm × 1.6mm
ESD Protection Exceeds JESD 22
SC70 (5)
2.0mm × 1.25mm
2000-V Human-Body Model (A114-A)
SN74LVC1G02
SON (6)
1.45mm × 1.0mm
200-V Machine Model (A115-A)
DSBGA (5)
1.41mm × 0.91mm
1000-V Charged-Device Model (C101)
X2SON (4)
0.8mm × 0.8mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the datasheet.
AV Receiver
Audio Dock: Portable
Blu-ray Player and Home Theater
Embedded PC
MP3 Player/Recorder (Portable Audio)
Personal Digital Assistant (PDA)
Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
Solid State Drive (SSD): Client and Enterprise
TV: LCD/Digital and High-Definition (HDTV)
Tablet: Enterprise
Video Analytics: Server
Wireless Headset, Keyboard, and Mouse
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC1G02DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G02DBV TI-SN74LVC1G02DBV Datasheet
479Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02DBVR TI-SN74LVC1G02DBVR Datasheet
479Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02DBVR TI-SN74LVC1G02DBVR Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74LVC1G02DBVR TI-SN74LVC1G02DBVR Datasheet
665Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74LVC1G02DBVR TI1-SN74LVC1G02DBVR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
More results

Similar Description - SN74LVC1G02DPWR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com