Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G04DCKTG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G04DCKTG4
Description  SN74LVC1G04 Single Inverter Gate
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G04DCKTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G04DCKTG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G04DCKTG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G04DCKTG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G04DCKTG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G04DCKTG4 Datasheet HTML 11Page - Texas Instruments SN74LVC1G04DCKTG4 Datasheet HTML 12Page - Texas Instruments SN74LVC1G04DCKTG4 Datasheet HTML 13Page - Texas Instruments SN74LVC1G04DCKTG4 Datasheet HTML 14Page - Texas Instruments SN74LVC1G04DCKTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
uC or Logic
Basic LED Driver
uC or Logic
Inverter Logic Function
uC or Logic
LVC1G04
LVC1G04
VCC
VCC
SN74LVC1G04
www.ti.com
SCES214AD –APRIL 1999–REVISED OCTOBER 2014
10 Application and Implementation
10.1 Application Information
The SN74LVC1G04 is a high drive CMOS device that can be used for implementing inversion logic with a high
output drive, such as an LED application. It can produce 24 mA of drive current at 3.3 V making it Ideal for
driving multiple outputs and good for high speed applications up to 100 Mhz. The inputs are 5.5 V tolerant
allowing it to translate down to VCC.
10.2 Typical Application
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
– Rise time and fall time specs: See (Δt/ΔV) in the Recommended Operating Conditions table.
– Specified high and low levels: See (VIH and VIL) in the Recommended Operating Conditions table.
– Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended Operating
Conditions table at any valid VCC.
2. Recommend Output Conditions
– Load currents should not exceed (IO max) per output and should not exceed total current (continuous
current through VCC or GND) for the part. These limits are located in the Absolute Maximum Ratings
table.
– Outputs should not be pulled above VCC.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LVC1G04


Similar Part No. - SN74LVC1G04DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G04DCKTG4 TI-SN74LVC1G04DCKTG4 Datasheet
781Kb / 19P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04DCKTG4 TI-SN74LVC1G04DCKTG4 Datasheet
781Kb / 19P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04DCKTG4 TI1-SN74LVC1G04DCKTG4 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
More results

Similar Description - SN74LVC1G04DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_15 Datasheet
1Mb / 41P
[Old version datasheet]   SN74LVC1G04 Single Inverter Gate
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com