Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV1T86DCKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV1T86DCKR
Description  Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T86DCKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LV1T86DCKR Datasheet HTML 3Page - Texas Instruments SN74LV1T86DCKR Datasheet HTML 4Page - Texas Instruments SN74LV1T86DCKR Datasheet HTML 5Page - Texas Instruments SN74LV1T86DCKR Datasheet HTML 6Page - Texas Instruments SN74LV1T86DCKR Datasheet HTML 7Page - Texas Instruments SN74LV1T86DCKR Datasheet HTML 8Page - Texas Instruments SN74LV1T86DCKR Datasheet HTML 9Page - Texas Instruments SN74LV1T86DCKR Datasheet HTML 10Page - Texas Instruments SN74LV1T86DCKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN74LV1T86
www.ti.com
SCLS742A – NOVMEBER 2013 – REVISED FEBRUARY 2014
4.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
1.6
5.5
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.8 V
–3
VCC = 2.5 V
–5
IOH
High-level output current
mA
VCC = 3.3 V
–7
VCC = 5.0 V
–8
VCC = 1.8 V
3
VCC = 2.5 V
5
IOL
Low-level output current
mA
VCC = 3.3 V
7
VCC = 5.0 V
8
VCC = 1.8 V
20
Δt/Δ
Input transition rise or fall rate
VCC = 3.3 V or 2.5 V
20
ns/V
v
VCC = 5.0 V
20
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
VCC = 1.65 V to 1.8 V
0.94
1.0
VCC = 2.0 V
0.99
1.03
VCC = 2.25 V to 2.5 V
1.135
1.18
VCC = 2.75 V
1.21
1.23
High-level input
VIH
V
voltage
VCC = 3 V to 3.3 V
1.35
1.37
VCC = 3.6 V
1.47
1.48
VCC = 4.5 V to 5.0 V
2.02
2.03
VCC = 5.5 V
2.1
2.11
VCC = 1.65 V to 2.0 V
0.58
0.55
VCC = 2.25 V to 2.75 V
0.75
0.71
Low-level input
VIL
V
voltage
VCC = 3 V to 3.6 V
0.8
0.65
VCC = 4.5 V to 5.5 V
0.8
0.8
IOH = –20 µA
1.65 V to 5.5 V
VCC – 0.1
VCC – 0.1
V
1.65 V
1.28
1.21
IOH = –2.0 mA
V
1.8V
1.5
1.45
IOH = –2.3 mA
2.0
2.0
2.3V
V
IOH = –3 mA
2.0
1.93
IOH = –3 mA
2.5V
2.25
2.15
V
VOH
IOH = –3.0 mA
2.78
2.7
3.0 V
IOH = –5.5 mA
2.6
2.49
V
IOH = –5.5 mA
3.3 V
2.9
2.8
IOH = –4 mA
4.2
4.1
4.5 V
IOH = –8 mA
4.1
3.95
V
IOH = –8 mA
5.0 V
4.6
4.5
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LV1T86


Similar Part No. - SN74LV1T86DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T86DCKR TI1-SN74LV1T86DCKR Datasheet
1Mb / 21P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
SN74LV1T86DCKR TI1-SN74LV1T86DCKR Datasheet
1Mb / 24P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
SN74LV1T86DCKRG4 TI1-SN74LV1T86DCKRG4 Datasheet
1Mb / 24P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
More results

Similar Description - SN74LV1T86DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T86 TI1-SN74LV1T86_18 Datasheet
1Mb / 21P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
SN74LV1T86_1809 TI1-SN74LV1T86_1809 Datasheet
1Mb / 24P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT86 ONSEMI-MC74VHC1GT86 Datasheet
190Kb / 8P
   2-Input Exclusive OR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GT86A RENESAS-HD74LV1GT86A Datasheet
104Kb / 7P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
Leshan Radio Company
L74VHC1GT86 LRC-L74VHC1GT86 Datasheet
395Kb / 6P
   2-Input Exclusive OR Gate - CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV2GT86A RENESAS-HD74LV2GT86A Datasheet
82Kb / 8P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT86DFT1G ONSEMI-MC74VHC1GT86DFT1G Datasheet
121Kb / 6P
   2-Input Exclusive OR Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 16
logo
Renesas Technology Corp
HD74LV2GT86A RENESAS-HD74LV2GT86A_15 Datasheet
106Kb / 10P
   2-input Exclusive-OR Gate / CMOS Logic Level Shifter
logo
Texas Instruments
SN74LV1T86-Q1 TI1-SN74LV1T86-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   SN74LV1T86-Q1 Automotive Single Power Supply 2-Input Exclusive-OR Gate CMOS Logic Level Shifter
AUGUST 2023
SN74LV1T32 TI1-SN74LV1T32 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com