Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV1T32DCKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV1T32DCKR
Description  Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T32DCKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV1T32DCKR Datasheet HTML 2Page - Texas Instruments SN74LV1T32DCKR Datasheet HTML 3Page - Texas Instruments SN74LV1T32DCKR Datasheet HTML 4Page - Texas Instruments SN74LV1T32DCKR Datasheet HTML 5Page - Texas Instruments SN74LV1T32DCKR Datasheet HTML 6Page - Texas Instruments SN74LV1T32DCKR Datasheet HTML 7Page - Texas Instruments SN74LV1T32DCKR Datasheet HTML 8Page - Texas Instruments SN74LV1T32DCKR Datasheet HTML 9Page - Texas Instruments SN74LV1T32DCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SN74LV1T32
SCLS741A – NOVMEBER 2013 – REVISED FEBRUARY 2014
www.ti.com
4.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
1.6
5.5
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.8 V
–3
VCC = 2.5 V
–5
IOH
High-level output current
mA
VCC = 3.3 V
–7
VCC = 5.0 V
–8
VCC = 1.8 V
3
VCC = 2.5 V
5
IOL
Low-level output current
mA
VCC = 3.3 V
7
VCC = 5.0 V
8
VCC = 1.8 V
20
Δt/Δ
Input transition rise or fall rate
VCC = 3.3 V or 2.5 V
20
ns/V
v
VCC = 5.0 V
20
TA
Operating free-air temperature
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
1.65 V to 1.8 V
0.94
1.0
2.0 V
0.99
1.03
2.25 V to 2.5 V
1.135
1.18
2.75 V
1.21
1.23
High-level input
VIH
V
voltage
3 V to 3.3 V
1.35
1.37
3.6 V
1.47
1.48
4.5 V to 5.0 V
2.02
2.03
5.5 V
2.1
2.11
1.65 V to 2.0 V
0.58
0.55
2.25 V to 2.75 V
0.75
0.71
Low-level input
VIL
V
voltage
3 V to 3.6 V
0.8
0.65
4.5 V to 5.5 V
0.8
0.8
IOH = –20 µA
1.65 V to 5.5 V
VCC – 0.1
VCC – 0.1
V
1.65 V
1.28
1.21
IOH = –2.0 mA
V
1.8V
1.5
1.45
IOH = –3 mA
2.3V
2.0
1.93
V
IOH = –3 mA
2.5V
2.25
2.15
V
VOH
IOH = –3.0 mA
2.78
2.7
3.0 V
IOH = –5.5 mA
2.6
2.49
V
IOH = –5.5 mA
3.3 V
2.9
2.8
IOH = –4 mA
4.2
4.1
4.5 V
IOH = –8 mA
4.1
3.95
V
IOH = –8 mA
5.0 V
4.6
4.5
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: SN74LV1T32


Similar Part No. - SN74LV1T32DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T32DCKR TI1-SN74LV1T32DCKR Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T32DCKR TI1-SN74LV1T32DCKR Datasheet
739Kb / 21P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T32DCKRG4 TI1-SN74LV1T32DCKRG4 Datasheet
739Kb / 21P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
More results

Similar Description - SN74LV1T32DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T32 TI1-SN74LV1T32_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T32_1809 TI1-SN74LV1T32_1809 Datasheet
739Kb / 21P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T02_1809 TI1-SN74LV1T02_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
SN74LV1T08_1809 TI1-SN74LV1T08_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive AND Gate CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply 2-Input Positive AND Gate CMOS Logic Level Shifter
SN74LV1T02 TI1-SN74LV1T02 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
SN74LV1T08 TI1-SN74LV1T08 Datasheet
848Kb / 16P
[Old version datasheet]   Single Power Supply 2-Input Positive AND Gate CMOS Logic Level Shifter
SN74LV1T02 TI1-SN74LV1T02_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
SN74LV1T00 TI1-SN74LV1T00 Datasheet
868Kb / 16P
[Old version datasheet]   Single Power Supply 2-Input Positive NAND Gate CMOS Logic Level Shifter
SN74LV1T00_1809 TI1-SN74LV1T00_1809 Datasheet
2Mb / 33P
[Old version datasheet]   Single Power Supply 2-Input Positive NAND Gate CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com