Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G08DRY2 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G08DRY2
Description  SN74LVC1G08 Single 2-Input Positive-AND Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G08DRY2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G08DRY2 Datasheet HTML 2Page - Texas Instruments SN74LVC1G08DRY2 Datasheet HTML 3Page - Texas Instruments SN74LVC1G08DRY2 Datasheet HTML 4Page - Texas Instruments SN74LVC1G08DRY2 Datasheet HTML 5Page - Texas Instruments SN74LVC1G08DRY2 Datasheet HTML 6Page - Texas Instruments SN74LVC1G08DRY2 Datasheet HTML 7Page - Texas Instruments SN74LVC1G08DRY2 Datasheet HTML 8Page - Texas Instruments SN74LVC1G08DRY2 Datasheet HTML 9Page - Texas Instruments SN74LVC1G08DRY2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
SN74LVC1G08
SCES217Y – APRIL 1999 – REVISED APRIL 2014
www.ti.com
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 125°C
–40°C to 85°C
RECOMMENDED
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP(1)
MAX
MIN
TYP
MAX
IOH = –100 μA
1.65 V to 5.5 V
VCC – 0.1
VCC – 0.15
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.9
1.9
VOH
V
IOH = –16 mA
2.4
2.4
3 V
IOH = –24 mA
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
IOL = 100 μA
1.65 V to 5.5 V
0.1
0.1
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
VOL
V
IOL = 16 mA
0.4
0.4
3 V
IOL = 24 mA
0.55
0.55
IOL = 32 mA
4.5 V
0.55
0.55
A or B
II
VI = 5.5 V or GND
0 to 5.5 V
±5
±5
μA
inputs
Ioff
VI or VO = 5.5 V
0
±10
±10
μA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
10
μA
One input at VCC – 0.6 V,
ΔICC
3 V to 5.5 V
500
500
μA
Other inputs at VC C or GND
Ci
VI = VCC or GND
3.3 V
4
4
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6.6 Switching Characteristics, CL = 15 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
–40°C to 85°C
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
1.5
7.2
0.7
4.4
0.8
3.6
0.8
3.4
ns
6.7 Switching Characteristics, 1.8 V and 2.5 V
(1)
over recommended operating free-air temperature range, (unless otherwise noted) (see Figure 4)
–40°C to 125°C
–40°C to 125°C
–40°C to 85°C
–40°C to 85°C
RECOMMENDED
RECOMMENDED
FROM
TO
PARAMETER
UNIT
VCC = 1.8 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 2.5 V
(INPUT)
(OUTPUT)
± 0.15 V
± 0.15 V
± 0.2 V
± 0.2 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
2.4
8
2.4
10
1.1
5.5
1.1
7
ns
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G08


Similar Part No. - SN74LVC1G08DRY2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G08DRY2 TI1-SN74LVC1G08DRY2 Datasheet
2Mb / 48P
[Old version datasheet]   Single 2-Input Positive-AND Gate
More results

Similar Description - SN74LVC1G08DRY2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com