Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G08DRLRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G08DRLRG4
Description  SN74LVC1G08 Single 2-Input Positive-AND Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G08DRLRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G08DRLRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 12Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 13Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 14Page - Texas Instruments SN74LVC1G08DRLRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LVC1G08
A- uC or Logic
B- uC or Logic
Basic LED Driver
A- uC or Logic
B- uC or Logic
Y- uC or Logic
AND Logic Function
LVC1G08
VCC
VCC
SN74LVC1G08
www.ti.com
SCES217Y – APRIL 1999 – REVISED APRIL 2014
9 Application and Implementation
9.1 Application Information
The SN74LVC1G08 is a high drive CMOS device that can be used for implementing AND logic with a high output
drive, such as an LED application. It can produce 24 mA of drive current at 3.3 V making it Ideal for driving
multiple outputs and good for high speed applications up to 100 MHz. The inputs are 5.5 V tolerant allowing it to
translate down to VCC.
9.2 Typical Application
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads so routing and load conditions should be considered to prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions
Rise time and fall time specs. See (
Δt/ΔV) in the Recommended Operating Conditions table.
Specified high and low levels. See (VIH and VIL) in the Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended Operating
Conditions table at any valid VCC.
2. Recommend Output Conditions
Load currents should not exceed (IO max) per output and should not exceed total current (continuous
current through VCC or GND) for the part. These limits are located in the Absolute Maximum Ratings
table.
Outputs should not be pulled above VCC.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LVC1G08


Similar Part No. - SN74LVC1G08DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G08DRLRG4 TI-SN74LVC1G08DRLRG4 Datasheet
119Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08DRLRG4 TI-SN74LVC1G08DRLRG4 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08DRLRG4 TI-SN74LVC1G08DRLRG4 Datasheet
737Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08DRLRG4 TI-SN74LVC1G08DRLRG4 Datasheet
737Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08DRLRG4 TI1-SN74LVC1G08DRLRG4 Datasheet
2Mb / 48P
[Old version datasheet]   Single 2-Input Positive-AND Gate
More results

Similar Description - SN74LVC1G08DRLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com