Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G07DBVTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G07DBVTG4
Description  SN74LVC1G07 Single Buffer/Driver With Open-Drain Output
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G07DBVTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC1G07DBVTG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G07DBVTG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G07DBVTG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G07DBVTG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G07DBVTG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G07DBVTG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G07DBVTG4 Datasheet HTML 11Page - Texas Instruments SN74LVC1G07DBVTG4 Datasheet HTML 12Page - Texas Instruments SN74LVC1G07DBVTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
A
Y
9
SN74LVC1G07
www.ti.com
SCES296AD – FEBRUARY 2000 – REVISED MAY 2016
Product Folder Links: SN74LVC1G07
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SN74LVC1G07 device contains one open-drain buffer with a maximum sink current of 32 mA. This device is
fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing
damaging current backflow through the device when it is powered down.
The DPW package technology is a major breakthrough in IC packaging. The DPW 0.64 mm square footprint
saves significant board space over other package options while still retaining the traditional manufacturing
friendly lead pitch of 0.5 mm.
8.2 Functional Block Diagram
8.3 Feature Description
Wide operating voltage range.
Operates from 1.65 V to 5.5 V.
Allows down voltage translation.
Inputs and outputs accept voltages to 5.5 V.
Ioff feature allows voltages on the inputs and outputs, when VCC is 0 V.
8.4 Device Functional Modes
Function Table
INPUT
A
OUTPUT
Y
L
L
H
Z


Similar Part No. - SN74LVC1G07DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07DBVTG4 TI-SN74LVC1G07DBVTG4 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DBVTG4 TI-SN74LVC1G07DBVTG4 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DBVTG4 TI1-SN74LVC1G07DBVTG4 Datasheet
1Mb / 25P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DBVTG4 TI1-SN74LVC1G07DBVTG4 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
More results

Similar Description - SN74LVC1G07DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07-Q1 TI1-SN74LVC1G07-Q1_V01 Datasheet
1Mb / 21P
[Old version datasheet]   SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com