Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G17DSF2 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1G17DSF2
Description  SN74LVC1G17 Single Schmitt-Trigger Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G17DSF2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G17DSF2 Datasheet HTML 2Page - Texas Instruments SN74LVC1G17DSF2 Datasheet HTML 3Page - Texas Instruments SN74LVC1G17DSF2 Datasheet HTML 4Page - Texas Instruments SN74LVC1G17DSF2 Datasheet HTML 5Page - Texas Instruments SN74LVC1G17DSF2 Datasheet HTML 6Page - Texas Instruments SN74LVC1G17DSF2 Datasheet HTML 7Page - Texas Instruments SN74LVC1G17DSF2 Datasheet HTML 8Page - Texas Instruments SN74LVC1G17DSF2 Datasheet HTML 9Page - Texas Instruments SN74LVC1G17DSF2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
SN74LVC1G17
SCES351V – JULY 2001 – REVISED APRIL 2014
www.ti.com
7.5 Electrical Characteristics—DC Limit Changes
over recommended operating free-air temperature range (unless otherwise noted)
25°C
–40°C TO 85°C
–40°C TO 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
MIN
TYP
MAX
1.65 V
0.76
1.13
0.76
1.13
2.3 V
1.08
1.56
1.08
1.56
VT+
(Positive-going
3 V
1.48
1.92
1.48
1.92
V
input threshold
voltage)
4.5 V
2.19
2.74
2.19
2.74
5.5 V
2.65
3.33
2.65
3.33
1.65 V
0.35
0.59
0.35
0.59
2.3 V
0.56
0.88
0.56
0.88
VT–
(Negative-going
3 V
0.89
1.2
0.89
1.2
V
input threshold
voltage)
4.5 V
1.51
1.97
1.51
1.97
5.5 V
1.88
2.4
1.88
2.4
1.65 V
0.36
0.64
0.36
0.64
2.3 V
0.45
0.78
0.45
0.78
ΔVT
Hysteresis
3 V
0.51
0.83
0.51
0.83
V
(VT+ – VT–)
4.5 V
0.58
0.93
0.58
0.93
5.5 V
0.69
1.04
0.69
1.04
1.65 V to
IOH = –100 μA
VCC – 0.1
VCC – 0.1
5.5 V
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.9
1.9
VOH
V
IOH = –16 mA
2.4
2.4
3 V
IOH = –24 mA
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
1.65 V to
IOL = 100 μA
0.1
0.1
5.5 V
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
VOL
V
IOL = 16 mA
0.4
0.4
3 V
IOL = 24 mA
0.55
0.55
IOL = 32 mA
4.5 V
0.55
0.55
0 to
II
A input
VI = 5.5 V or GND
±5
±5
μA
5.5 V
Ioff
VI or VO = 5.5 V
0
±10
±10
μA
1.65 V to
VI = 5.5 V or GND,
10
10
5.5 V
ICC
IO = 0
μA
3 V to
VI = 3.6 V or GND,
0.5
1.5
3.6 V
One input at VCC – 0.6 V,
3 V to
ΔICC
500
500
μA
Other inputs at VCC or GND
5.5 V
CI
VI = VCC or GND
3.3 V
4.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G17


Similar Part No. - SN74LVC1G17DSF2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G17DSFR TI1-SN74LVC1G17DSFR Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
More results

Similar Description - SN74LVC1G17DSF2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G17-Q1 TI1-SN74LVC1G17-Q1_V01 Datasheet
1Mb / 24P
[Old version datasheet]   SN74LVC1G17-Q1 Single Schmitt-Trigger Buffer
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com