Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G07DBV Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC1G07DBV
Description  SN74LVC1G07 Single Buffer/Driver With Open-Drain Output
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G07DBV Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G07DBV Datasheet HTML 7Page - Texas Instruments SN74LVC1G07DBV Datasheet HTML 8Page - Texas Instruments SN74LVC1G07DBV Datasheet HTML 9Page - Texas Instruments SN74LVC1G07DBV Datasheet HTML 10Page - Texas Instruments SN74LVC1G07DBV Datasheet HTML 11Page - Texas Instruments SN74LVC1G07DBV Datasheet HTML 12Page - Texas Instruments SN74LVC1G07DBV Datasheet HTML 13Page - Texas Instruments SN74LVC1G07DBV Datasheet HTML 14Page - Texas Instruments SN74LVC1G07DBV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
Frequency - MHz
0
20
40
60
80
0
200
400
600
800
1000
1200
1400
1600
D001
Icc 1.8V
Icc 2.5V
Icc 3.3V
Icc 5V
11
SN74LVC1G07
www.ti.com
SCES296AD – FEBRUARY 2000 – REVISED MAY 2016
Product Folder Links: SN74LVC1G07
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curves
Figure 4. Icc vs Frequency
10 Power Supply Recommendations
The power supply can be any voltage between the min and max supply voltage rating located in the
Recommended Operating Conditions table.
Each Vcc pin should have a good bypass capacitor to prevent power disturbance. A 0.1-
μF capacitor is
recommended for devices with a single supply. If there are multiple Vcc pins then a 0.01-
μF or 0.022-μF
capacitor is recommended for each power pin. It is acceptable to parallel multiple bypass caps to reject different
frequencies of noise. 0.1-
μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor should be
installed as close to the power pin as possible for best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices inputs should not ever float. In many cases, functions or parts of functions
of digital logic devices are unused; for example, when only two inputs of a triple-input AND gate are used or only
3 of the 4 buffer gates are used. Such input pins should not be left unconnected because the undefined voltages
at the outside connections result in undefined operational states. Specified below are the rules that must be
observed under all circumstances. All unused inputs of digital logic devices must be connected to a high or low
bias to prevent them from floating. The logic level that should be applied to any particular unused input depends
on the function of the device. Generally, they will be tied to Gnd or Vcc, whichever is more convenient.
11.2 Layout Example


Similar Part No. - SN74LVC1G07DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07DBV TI1-SN74LVC1G07DBV Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07DBVR TI-SN74LVC1G07DBVR Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DBVR TI-SN74LVC1G07DBVR Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DBVR TI-SN74LVC1G07DBVR Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07DBVR TI-SN74LVC1G07DBVR Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results

Similar Description - SN74LVC1G07DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07-Q1 TI1-SN74LVC1G07-Q1_V01 Datasheet
1Mb / 21P
[Old version datasheet]   SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com