Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ150A Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SMAJ150A
Description  Maximum Ratings and Thermal Characteristics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SMAJ150A Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SMAJ150A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ150A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ150A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ150A Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Part
Number
(Uni)
Part
Number
(Bi)
Marking
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage V
C
@ I
pp
(V)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R
@ V
R
(μA)
Agency
Approval
UNI
BI
MIN
MAX
SMAJ5.0A
SMAJ5.0CA
AE
WE
5.0
6.40
07.00
10
9.2
43.5
800
X
SMAJ6.0A
SMAJ6.0CA
AG
WG
6.0
6.67
07.37
10
10.3
38.8
800
X
SMAJ6.5A
SMAJ6.5CA
AK
WK
6.5
7.22
7.98
10
11.2
35.7
500
X
SMAJ7.0A
SMAJ7.0CA
AM
WM
7.0
7.78
8.60
10
12.0
33.3
200
X
SMAJ7.5A
SMAJ7.5CA
AP
WP
7.5
8.33
9.21
1
12.9
31.0
100
X
SMAJ8.0A
SMAJ8.0CA
AR
WR
8.0
8.89
9.83
1
13.6
29.4
50
X
SMAJ8.5A
SMAJ8.5CA
AT
WT
8.5
9.44
10.40
1
14.4
27.8
20
X
SMAJ9.0A
SMAJ9.0CA
AV
WV
9.0
10.00
11.10
1
15.4
26.0
10
X
SMAJ10A
SMAJ10CA
AX
WX
10.0
11.10
12.30
1
17.0
23.5
5
X
SMAJ11A
SMAJ11CA
AZ
WZ
11.0
12.20
13.50
1
18.2
22.0
1
X
SMAJ12A
SMAJ12CA
BE
XE
12.0
13.30
14.70
1
19.9
20.1
1
X
SMAJ13A
SMAJ13CA
BG
XG
13.0
14.40
15.90
1
21.5
18.6
1
X
SMAJ14A
SMAJ14CA
BK
XK
14.0
15.60
17.20
1
23.2
17.2
1
X
SMAJ15A
SMAJ15CA
BM
XM
15.0
16.70
18.50
1
24.4
16.4
1
X
SMAJ16A
SMAJ16CA
BP
XP
16.0
17.80
19.70
1
26.0
15.4
1
X
SMAJ17A
SMAJ17CA
BR
XR
17.0
18.90
20.90
1
27.6
14.5
1
X
SMAJ18A
SMAJ18CA
BT
XT
18.0
20.00
22.10
1
29.2
13.7
1
X
SMAJ20A
SMAJ20CA
BV
XV
20.0
22.20
24.50
1
32.4
12.3
1
X
SMAJ22A
SMAJ22CA
BX
XX
22.0
24.40
26.90
1
35.5
11.3
1
X
SMAJ24A
SMAJ24CA
BZ
XZ
24.0
26.70
29.50
1
38.9
10.3
1
X
SMAJ26A
SMAJ26CA
CE
YE
26.0
28.90
31.90
1
42.1
9.5
1
X
SMAJ28A
SMAJ28CA
CG
YG
28.0
31.10
34.40
1
45.4
8.8
1
X
SMAJ30A
SMAJ30CA
CK
YK
30.0
33.30
36.80
1
48.4
8.3
1
X
SMAJ33A
SMAJ33CA
CM
YM
33.0
36.70
40.60
1
53.3
7.5
1
X
SMAJ36A
SMAJ36CA
CP
YP
36.0
40.00
44.20
1
58.1
6.9
1
X
SMAJ40A
SMAJ40CA
CR
YR
40.0
44.40
49.10
1
64.5
6.2
1
X
SMAJ43A
SMAJ43CA
CT
YT
43.0
47.80
52.80
1
69.4
5.8
1
X
SMAJ45A
SMAJ45CA
CV
YV
45.0
50.00
55.30
1
72.7
5.5
1
X
SMAJ48A
SMAJ48CA
CX
YX
48.0
53.30
58.90
1
77.4
5.2
1
X
SMAJ51A
SMAJ51CA
CZ
YZ
51.0
56.70
62.70
1
82.4
4.9
1
X
SMAJ54A
SMAJ54CA
RE
ZE
54.0
60.00
66.30
1
87.1
4.6
1
X
SMAJ58A
SMAJ58CA
RG
ZG
58.0
64.40
71.20
1
93.6
4.3
1
X
SMAJ60A
SMAJ60CA
RK
ZK
60.0
66.70
73.70
1
96.8
4.1
1
X
SMAJ64A
SMAJ64CA
RM
ZM
64.0
71.10
78.60
1
103.0
3.9
1
X
SMAJ70A
SMAJ70CA
RP
ZP
70.0
77.80
86.00
1
113.0
3.5
1
X
SMAJ75A
SMAJ75CA
RR
ZR
75.0
83.30
92.10
1
121.0
3.3
1
X
SMAJ78A
SMAJ78CA
RT
ZT
78.0
86.70
95.80
1
126.0
3.2
1
X
SMAJ85A
SMAJ85CA
RV
ZV
85.0
94.40
104.00
1
137.0
2.9
1
X
SMAJ90A
SMAJ90CA
RX
ZX
90.0
100.00
111.00
1
146.0
2.7
1
X
SMAJ100A
SMAJ100CA
RZ
ZZ
100.0
111.00
123.00
1
162.0
2.5
1
X
SMAJ110A
SMAJ110CA
SE
VE
110.0
122.00
135.00
1
177.0
2.3
1
X
SMAJ120A
SMAJ120CA
SG
VG
120.0
133.00
147.00
1
193.0
2.1
1
X
SMAJ130A
SMAJ130CA
SK
VK
130.0
144.00
159.00
1
209.0
1.9
1
X
SMAJ150A
SMAJ150CA
SM
VM
150.0
167.00
185.00
1
243.0
1.6
1
X
SMAJ160A
SMAJ160CA
SP
VP
160.0
178.00
197.00
1
259.0
1.5
1
X
SMAJ170A
SMAJ170CA
SR
VR
170.0
189.00
209.00
1
275.0
1.5
1
X
SMAJ180A
SMAJ180CA
ST
VT
180.0
201.00
222.00
1
292.0
1.4
1
SMAJ200A SMAJ200CA
SV
VV
200.0
224.00
247.00
1
324.0
1.2
1
SMAJ220A SMAJ220CA
SX
VX
220.0
246.00
272.00
1
356.0
1.1
1
SMAJ250A SMAJ250CA
SZ
VZ
250.0
279.00
309.00
1
405.0
1.0
1
SMAJ300A SMAJ300CA
TE
UE
300.0
335.00
371.00
1
486.0
0.8
1
SMAJ350A SMAJ350CA
TG
UG
350.0
391.00
432.00
1
567.0
0.7
1
SMAJ400A SMAJ400CA
TK
UK
400.0
447.00
494.00
1
648.0
0.6
1
SMAJ440A SMAJ440CA
TM
UM
440.0
492.00
543.00
1
713.0
0.6
1
For bidirectional type having V
RWM of 10 volts and less, the IR limit is double.
For parts without A (V
BR is ± 10% and VC is 5% higher than with A parts).
SMAJ5.0A(CA)-SMAJ440A(CA)
www.yfwdiode.com


Similar Part No. - SMAJ150A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMAJ150A LUGUANG-SMAJ150A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
AiT Semiconductor Inc.
SMAJ150A AITSEMI-SMAJ150A Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
DIYI Electronic Technol...
SMAJ150A DYELEC-SMAJ150A Datasheet
530Kb / 5P
   Excellent clamping capability
logo
Jinan Gude Electronic D...
SMAJ150A JGD-SMAJ150A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ150A SOCAY-SMAJ150A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ150A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SMBJ5.0A-CA YFWDIODE-SMBJ5.0A-CA Datasheet
1Mb / 5P
   Maximum Ratings and Thermal Characteristics
SMAJ-SMA YFWDIODE-SMAJ-SMA Datasheet
967Kb / 4P
   Maximum Ratings and Thermal Characteristics
SMCJ5.0A-SMAJ440A YFWDIODE-SMCJ5.0A-SMAJ440A Datasheet
788Kb / 4P
   Maximum Ratings and Thermal Characteristics
logo
FCI connector
FTD110B FCI-CONNECTOR-FTD110B Datasheet
1Mb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD25 FCI-CONNECTOR-FTD25 Datasheet
308Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD110C FCI-CONNECTOR-FTD110C Datasheet
500Kb / 2P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD182 FCI-CONNECTOR-FTD182 Datasheet
155Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD21 FCI-CONNECTOR-FTD21 Datasheet
304Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
logo
Voltage Multipliers Inc...
M10FF3 VMI-M10FF3 Datasheet
251Kb / 1P
   ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
logo
FCI connector
FTD23 FCI-CONNECTOR-FTD23 Datasheet
370Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com