Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ130A Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SMAJ130A
Description  Maximum Ratings and Thermal Characteristics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SMAJ130A Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SMAJ130A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ130A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ130A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ130A Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMAJ5.0A(CA)-SMAJ440A(CA)
Description
Features
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at
T
A=25ºC by 10x1000μs waveform
(Fig.1)(Note 1), (Note 2)
P
PPM
400
W
Power Dissipation on infinite heat
sink at T
A=50
O
C
P
M(AV)
3.3
W
Peak Forward Surge Current, 8.3ms
Single Half Sine Wave (Note 3)
I
FSM
40
A
Maximum Instantaneous Forward
Voltage at 25A for Unidirectional
only (Note 4)
V
F
3.5V/6.5
V
Operating Junction and Storage
Temperature Range
T
J, TSTG
-65 to 150
°C
Typical Thermal Resistance Junction
to Lead
R
uJL
30
°C/W
Typical Thermal Resistance Junction
to Ambient
R
uJA
120
°C/W
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above T
A=25ºC per Fig. 2.
2. Mounted on 5.0x5.0mm copper pad to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional
device only.
4. V
F < 3.5V for VBR _
<
200V and V
F< 6.5V for VBR _
>
201V.
The SMAJ series is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
Applications
TVS devices are ideal for the protection of I/O Interfaces,
V
CC bus and other vulnerable circuits used in Telecom,
Computer, Industrial and Consumer electronic applications.
applications to optimize
board space
capability
capability at 10 x 1000μs
waveform, repetition rate
(duty cycle): 0.01%
typically less than 1.0ps
from 0 Volts to V
BR min
R less than 1μA
above 12V
soldering: 260°C/40
seconds at terminals
temperature coefficient
ΔV
BR = 0.1% x VBR@25°C x ΔT
Underwriters Laboratory
Flammability 94V-O
Plated
www.yfwdiode.com


Similar Part No. - SMAJ130A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
SMAJ130A AITSEMI-SMAJ130A Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Shenzhen Luguang Electr...
SMAJ130A LUGUANG-SMAJ130A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
DIYI Electronic Technol...
SMAJ130A DYELEC-SMAJ130A Datasheet
530Kb / 5P
   Excellent clamping capability
logo
Jinan Gude Electronic D...
SMAJ130A JGD-SMAJ130A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ130A SOCAY-SMAJ130A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ130A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SMBJ5.0A-CA YFWDIODE-SMBJ5.0A-CA Datasheet
1Mb / 5P
   Maximum Ratings and Thermal Characteristics
SMAJ-SMA YFWDIODE-SMAJ-SMA Datasheet
967Kb / 4P
   Maximum Ratings and Thermal Characteristics
SMCJ5.0A-SMAJ440A YFWDIODE-SMCJ5.0A-SMAJ440A Datasheet
788Kb / 4P
   Maximum Ratings and Thermal Characteristics
logo
FCI connector
FTD110B FCI-CONNECTOR-FTD110B Datasheet
1Mb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD25 FCI-CONNECTOR-FTD25 Datasheet
308Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD110C FCI-CONNECTOR-FTD110C Datasheet
500Kb / 2P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD182 FCI-CONNECTOR-FTD182 Datasheet
155Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD21 FCI-CONNECTOR-FTD21 Datasheet
304Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
logo
Voltage Multipliers Inc...
M10FF3 VMI-M10FF3 Datasheet
251Kb / 1P
   ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
logo
FCI connector
FTD23 FCI-CONNECTOR-FTD23 Datasheet
370Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com