Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G66DSFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G66DSFR
Description  SN74LVC1G66 Single Bilateral Analog Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G66DSFR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G66DSFR Datasheet HTML 1Page - Texas Instruments SN74LVC1G66DSFR Datasheet HTML 2Page - Texas Instruments SN74LVC1G66DSFR Datasheet HTML 3Page - Texas Instruments SN74LVC1G66DSFR Datasheet HTML 4Page - Texas Instruments SN74LVC1G66DSFR Datasheet HTML 5Page - Texas Instruments SN74LVC1G66DSFR Datasheet HTML 6Page - Texas Instruments SN74LVC1G66DSFR Datasheet HTML 7Page - Texas Instruments SN74LVC1G66DSFR Datasheet HTML 8Page - Texas Instruments SN74LVC1G66DSFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
SN74LVC1G66
SCES323P – JUNE 2001 – REVISED MARCH 2016
www.ti.com
Product Folder Links: SN74LVC1G66
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
This value is limited to 5.5 V maximum.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
–0.5
6.5
V
VI
Input voltage(2)(3)
–0.5
6.5
V
VI/O
Switch I/O voltage(2)(3)(4)
–0.5
VCC + 0.5
V
IIK
Control input clamp current
VI < 0
–50
mA
IIOK
I/O port diode current
VI/O < 0 or VI/O > VCC
±50
mA
IT
ON-state switch current
VI/O < 0 to VCC
±50
mA
Continuous current through VCC or GND
±100
mA
Tstg
Storage Temperature
–65
150
°C
Tj
Junction Temperature
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
+2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
+1000
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
1.65
5.5
V
VI/O
I/O port voltage.
0
VCC
V
VIH
High-level input voltage, control input
VCC = 1.65 V to 1.95 V
VCC × 0.65
V
VCC = 2.3 V to 2.7 V
VCC × 0.7
VCC = 3 V to 3.6 V
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VIL
Low-level input voltage, control input
VCC = 1.65 V to 1.95 V
VCC × 0.35
V
VCC = 2.3 V to 2.7 V
VCC × 0.3
VCC = 3 V to 3.6 V
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Control input voltage
0
5.5
V
Δt/Δv Control input transition rise and fall time
VCC = 1.65 V to 1.95 V
20
ns/V
VCC = 2.3 V to 2.7 V
20
VCC = 3 V to 3.6 V
10
VCC = 4.5 V to 5.5 V
10
TA
Operating free-air temperature
–40
85
°C


Similar Part No. - SN74LVC1G66DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66DBVR TI-SN74LVC1G66DBVR Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVR TI-SN74LVC1G66DBVR Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVRE4 TI-SN74LVC1G66DBVRE4 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVRG4 TI-SN74LVC1G66DBVRG4 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DBVT TI-SN74LVC1G66DBVT Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74LVC1G66DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com