Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G18DRYR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G18DRYR
Description  1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G18DRYR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G18DRYR Datasheet HTML 1Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 2Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 3Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 4Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 5Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 6Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 7Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 8Page - Texas Instruments SN74LVC1G18DRYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
t
h
t
su
FromOutput
UnderTest
C
(seeNote A)
L
LOADCIRCUIT
S1
V
LOAD
Open
GND
R
L
DataInput
TimingInput
0V
0V
0V
t
W
Input
0V
Input
Output
Waveform1
S1atV
(seeNoteB)
LOAD
Output
Waveform2
S1atGND
(seeNoteB)
V
OL
V
OH
0V
»0V
Output
Output
t
/t
PLH
PHL
Open
TEST
S1
Output
Control
V
M
V
M
V
M
V
M
V
M
1.8V
0.15V
±
2.5V
0.2V
±
3.3V
0.3V
±
5V
0.5V
±
1MW
1MW
1MW
1MW
V
CC
R
L
2× V
CC
2× V
CC
6V
2× V
CC
V
LOAD
C
L
15pF
15pF
15pF
15pF
0.15V
0.15V
0.3V
0.3V
V
D
3V
V
I
V
CC/2
V
CC/2
1.5V
V
CC/2
V
M
£2ns
£2ns
£2.5ns
£2.5ns
INPUTS
R
L
t /t
r
f
V
CC
V
CC
V
CC
V
LOAD
t
/t
PLZ
PZL
GND
t
/t
PHZ
PZH
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
LOW- ANDHIGH-LEVEL ENABLING
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
INVERTING ANDNONINVERTINGOUTPUTS
NOTES: A. C includesprobeandjigcapacitance.
B. Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
.
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
E. t
andt
arethesameast .
F. t
andt
arethesameast .
G. t
andt
arethesameast .
H. Allparametersandwaveformsarenotapplicabletoalldevices.
L
O
PLZ
PHZ
dis
PZL
PZH
en
PLH
PHL
pd
£
W
VOLTAGEWAVEFORMS
PULSEDURATION
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
V
I
V
I
V
I
V
M
V
M
V
/2
LOAD
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– V
OH
D
V
+V
OL
D
V
M
V
M
V
M
V
M
V
OL
V
OH
V
I
V
I
V
OH
V
OL
V
M
V
M
V
M
V
M
t
PLH
t
PHL
t
PLH
t
PHL
SN74LVC1G18
www.ti.com
SCES406K – JULY 2002 – REVISED JULY 2012
PARAMETER MEASUREMENT INFORMATION
Figure 1. Load Circuit and Voltage Waveforms
Copyright © 2002–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74LVC1G18


Similar Part No. - SN74LVC1G18DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G18DBVR TI-SN74LVC1G18DBVR Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18DBVR TI-SN74LVC1G18DBVR Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18DBVRE4 TI-SN74LVC1G18DBVRE4 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18DBVRG4 TI-SN74LVC1G18DBVRG4 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18DCKR TI-SN74LVC1G18DCKR Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
More results

Similar Description - SN74LVC1G18DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
74AUP1G18 NXP-74AUP1G18 Datasheet
104Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
74LVC1G18 NEXPERIA-74LVC1G18 Datasheet
222Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
74AUP1G18 NEXPERIA-74AUP1G18 Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com