Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G66DRLR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G66DRLR
Description  SN74LVC1G66 Single Bilateral Analog Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G66DRLR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC1G66DRLR Datasheet HTML 5Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 6Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 7Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 8Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 9Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 10Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 11Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 12Page - Texas Instruments SN74LVC1G66DRLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH − V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5 V
± 0.5 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
2
× VCC
2
× VCC
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
VCC
VCC
VI
VCC/2
VCC/2
VCC/2
VCC/2
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
9
SN74LVC1G66
www.ti.com
SCES323P – JUNE 2001 – REVISED MARCH 2016
Product Folder Links: SN74LVC1G66
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 5. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LVC1G66DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66DRLR TI-SN74LVC1G66DRLR Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DRLRG4 TI-SN74LVC1G66DRLRG4 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74LVC1G66DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com