Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G17 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1G17
Description  SN74LVC1G17 Single Schmitt-Trigger Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G17 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G17_16 Datasheet HTML 1Page - Texas Instruments SN74LVC1G17_16 Datasheet HTML 2Page - Texas Instruments SN74LVC1G17_16 Datasheet HTML 3Page - Texas Instruments SN74LVC1G17_16 Datasheet HTML 4Page - Texas Instruments SN74LVC1G17_16 Datasheet HTML 5Page - Texas Instruments SN74LVC1G17_16 Datasheet HTML 6Page - Texas Instruments SN74LVC1G17_16 Datasheet HTML 7Page - Texas Instruments SN74LVC1G17_16 Datasheet HTML 8Page - Texas Instruments SN74LVC1G17_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC1G17
SCES351V – JULY 2001 – REVISED APRIL 2014
SN74LVC1G17 Single Schmitt-Trigger Buffer
1 Features
3 Description
This single Schmitt-trigger buffer is designed for
1
Available in Ultra Small 0.64-mm2
1.65-V to 5.5-V VCC operation.
Package (DPW) With 0.5-mm Pitch
The SN74LVC1G17 device contains one buffer and
Supports 5-V VCC Operation
performs the Boolean function Y = A.
Inputs Accept Voltages to 5.5 V
The CMOS device has high output drive while
Max tpd of 4.6 ns at 3.3 V
maintaining low static power dissipation over a broad
Low Power Consumption, 10-
μA Max ICC
Vcc operating range.
±24-mA Output Drive at 3.3 V
The SN74LVC1G17 is available in a variety of
Ioff Supports Live Insertion, Partial-Power-Down
packages, including the ultra-small DPW package
Mode, and Back-Drive Protection
with a body size of 0.8 mm × 0.8mm.
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE
ESD Protection Exceeds JESD 22
SOT-23 (5)
2.9mm × 1.6mm
2000-V Human-Body Model (A114-A)
SC70 (5)
2.0mm × 1.25mm
200-V Machine Model (A115-A)
SN74LVC1G17
X2SON (4)
0.8mm × 0.8mm
1000-V Charged-Device Model (C101)
SON (6)
1.45mm × 1.0mm
SON (6)
1.0mm × 1.0mm
2 Applications
(1) For all available packages, see the orderable addendum at
AV Receiver
the end of the datasheet.
Audio Dock: Portable
Blu-ray Player and Home Theater
MP3 Player/Recorder
Personal Digital Assistant (PDA)
Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
Solid State Drive (SSD): Client and Enterprise
TV: LCD/Digital and High-Definition (HDTV)
Tablet: Enterprise
Video Analytics: Server
Wireless Headset, Keyboard, and Mouse
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC1G17_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
More results

Similar Description - SN74LVC1G17_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G17-Q1 TI1-SN74LVC1G17-Q1_V01 Datasheet
1Mb / 24P
[Old version datasheet]   SN74LVC1G17-Q1 Single Schmitt-Trigger Buffer
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com