Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCH245ARGYRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCH245ARGYRG4
Description  Octal Bus Transceivers With 3-State Outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCH245ARGYRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVCH245ARGYRG4 Datasheet HTML 3Page - Texas Instruments SN74LVCH245ARGYRG4 Datasheet HTML 4Page - Texas Instruments SN74LVCH245ARGYRG4 Datasheet HTML 5Page - Texas Instruments SN74LVCH245ARGYRG4 Datasheet HTML 6Page - Texas Instruments SN74LVCH245ARGYRG4 Datasheet HTML 7Page - Texas Instruments SN74LVCH245ARGYRG4 Datasheet HTML 8Page - Texas Instruments SN74LVCH245ARGYRG4 Datasheet HTML 9Page - Texas Instruments SN74LVCH245ARGYRG4 Datasheet HTML 10Page - Texas Instruments SN74LVCH245ARGYRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
SN54LVCH245A, SN74LVCH245A
www.ti.com
SCES008P – JULY 1995 – REVISED JULY 2014
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C TO 85°C
–40°C TO 125°C
SN54LVCH245A
PARAMETER
TEST CONDITIONS
VCC
SN74LVCH245A
SN74LVCH245A
UNIT
MIN
TYP
MAX
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
1.65 V to
VCC – 0.2
VCC – 0.2
3.6 V
IOH = –100 μA
2.7 V to
VCC – 0.2
3.6 V
IOH = –4 mA
1.65 V
1.2
1.2
VOH
V
IOH = –8 mA
2.3 V
1.7
1.7
2.7 V
2.2
2.2
2.2
IOH = –12 mA
3 V
2.4
2.4
2.4
IOH = –24 mA
3 V
2.2
2.2
2.2
1.65 V to
0.2
0.20
3.6 V
IOL = 100 μA
2.7 V to
0.2
3.6 V
VOL
V
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.7
0.7
IOL = 12 mA
2.7 V
0.4
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
0.55
Control
II
VI = 0 to 5.5 V
3.6 V
±5
±5
±5
μA
inputs
Ioff
VI or VO = 5.5 V
0
±10
±20
μA
VI = 0.58 V
25
25
1.65 V
VI = 1.07 V
–25
–25
VI = 0.7 V
45
45
2.3 V
II(hold)
VI = 1.7 V
–45
–45
μA
VI = 0.8 V
75
75
75
3 V
VI = 2 V
–75
–75
–75
VI = 0 to 3.6 V
(2)
3.6 V
±500
±500
±500
2.3 V to
IOZ
(3)
VO = 0 V or (VCC to 5.5 V)
±15
±5
±15
μA
3.6 V
VI = VCC or GND
10
10
10
ICC
IO = 0
3.6 V
μA
3.6 V
≤ VI ≤ 5.5
10
10
10
V(4)
One input at VCC – 0.6 V,
2.7 V to
ΔICC
Other inputs at VCC or
500
500
500
μA
3.6 V
GND
Control
Ci
VI = VCC or GND
3.3 V
4
12
4
pF
inputs
Cio A or B port VO = VCC or GND
3.3 V
5.5
12
5.50
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current required to switch the input from one state to another.
(3)
For the total leakage current in an I/O port, please consult the II(hold) specification for the input voltage condition 0 V < VI < VCC, and the
IOZ specification for the input voltage conditions VI = 0 V or VI = VCC to 5.5 V. The bus-hold current, at input voltage greater than VCC, is
negligible.
(4)
This applies in the disabled state only.
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54LVCH245A SN74LVCH245A


Similar Part No. - SN74LVCH245ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH245ARGYRG4 TI-SN74LVCH245ARGYRG4 Datasheet
1Mb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVCH245ARGYRG4 TI-SN74LVCH245ARGYRG4 Datasheet
1Mb / 28P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH245ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com