Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G66DCK Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC1G66DCK
Description  SN74LVC1G66 Single Bilateral Analog Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G66DCK Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G66DCK Datasheet HTML 1Page - Texas Instruments SN74LVC1G66DCK Datasheet HTML 2Page - Texas Instruments SN74LVC1G66DCK Datasheet HTML 3Page - Texas Instruments SN74LVC1G66DCK Datasheet HTML 4Page - Texas Instruments SN74LVC1G66DCK Datasheet HTML 5Page - Texas Instruments SN74LVC1G66DCK Datasheet HTML 6Page - Texas Instruments SN74LVC1G66DCK Datasheet HTML 7Page - Texas Instruments SN74LVC1G66DCK Datasheet HTML 8Page - Texas Instruments SN74LVC1G66DCK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
SN74LVC1G66
www.ti.com
SCES323P – JUNE 2001 – REVISED MARCH 2016
Product Folder Links: SN74LVC1G66
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
6.4 Thermal Information
THERMAL METRIC
SN74LVC1G66
UNIT
DBV
(SOT-23)
DCK
(SC70)
DRL (SOT)
DRY
(USON)
DSF
(X2SON)
YZP
(DSBGA)
5 PINS
5 PINS
5 PINS
6 PINS
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
206
252
142
132
°C/W
(1)
TA = 25°C
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
ron
ON-state switch resistance
VI = VCC or GND,
VC = VIH
(see Figure 2 and
Figure 1)
IS = 4 mA
1.65 V
12
30
IS = 8 mA
2.3 V
9
20
IS = 24 mA
3 V
7.5
15
IS = 32 mA
4.5 V
5.5
10
ron(p)
Peak on resistance
VI = VCC or GND,
VC = VIH
(see Figure 2 and
Figure 1)
IS = 4 mA
1.65 V
74.5
120
IS = 8 mA
2.3 V
20
30
IS = 24 mA
3 V
11.5
20
IS = 32 mA
4.5 V
7.5
15
IS(off)
OFF-state switch leakage current
VI = VCC and VO = GND or
VI = GND and VO = VCC,
VC = VIL (see Figure 3)
5.5 V
±1
μA
TA = 25°C
±0.1
IS(on)
ON-state switch leakage current
VI = VCC or GND, VC = VIH,
VO = Open
(see Figure 4)
5.5 V
±1
μA
TA = 25°C
±0.1
II
Control input current
VC = VCC or GND
5.5 V
±1
μA
TA = 25°C
±0.1
ICC
Supply current
VC = VCC or GND
5.5 V
10
μA
TA = 25°C
1
ΔICC
Supply current change
VC = VCC – 0.6 V
5.5 V
500
μA
Cic
Control input capacitance
5 V
2
pF
Cio(off) Switch input and output capacitance
5 V
6
pF
Cio(on) Switch input and output capacitance
5 V
13
pF
(1)
tPLH and tPHL are the same as tpd. The propagation delay is the calculated RC time constant of the typical ON-state resistance of the
switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
(2)
tPZL and tPZH are the same as ten.
(3)
tPLZ and tPHZ are the same as tdis.
6.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 5)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
(1)
A or B
B or A
2
1.2
0.8
0.6
ns
ten
(2)
C
A or B
2.5
12
1.9
6.5
1.8
5
1.5
4.2
ns
tdis
(3)
C
A or B
2.2
10
1.4
6.9
2
6.5
1.4
5
ns


Similar Part No. - SN74LVC1G66DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66DCKR TI-SN74LVC1G66DCKR Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DCKR TI-SN74LVC1G66DCKR Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DCKRE4 TI-SN74LVC1G66DCKRE4 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DCKRG4 TI-SN74LVC1G66DCKRG4 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DCKT TI-SN74LVC1G66DCKT Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74LVC1G66DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com