Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCH245ADW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCH245ADW
Description  Octal Bus Transceivers With 3-State Outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCH245ADW Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVCH245ADW Datasheet HTML 4Page - Texas Instruments SN74LVCH245ADW Datasheet HTML 5Page - Texas Instruments SN74LVCH245ADW Datasheet HTML 6Page - Texas Instruments SN74LVCH245ADW Datasheet HTML 7Page - Texas Instruments SN74LVCH245ADW Datasheet HTML 8Page - Texas Instruments SN74LVCH245ADW Datasheet HTML 9Page - Texas Instruments SN74LVCH245ADW Datasheet HTML 10Page - Texas Instruments SN74LVCH245ADW Datasheet HTML 11Page - Texas Instruments SN74LVCH245ADW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
SN54LVCH245A, SN74LVCH245A
SCES008P – JULY 1995 – REVISED JULY 2014
www.ti.com
7.6 Switching Characteristics, SN54LVCH245A
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
SN54LVCH245A
FROM
TO
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
MIN
MAX
MIN
MAX
tpd
A or B
B or A
8
1
7
ns
ten
OE
A or B
9.5
1
8.5
ns
tdis
OE
A or B
8.5
1
7.5
ns
7.7 Switching Characteristics, SN74LVCH245A
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
SN74LVCH245A
–40°C TO 85°C
FROM
TO
PARAMETER
UNIT
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
(INPUT)
(OUTPUT)
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
B or A
12.7
8.3
7.3
1.5
6.3
ns
ten
OE
A or B
15.3
10.5
9.5
1.5
8.5
ns
tdis
OE
A or B
17
9.5
8.5
1.5
7.5
ns
tsk(o)
1
1
1
1
ns
7.8 Switching Characteristics, SN74LVCH245A
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
SN74LVCH245A
–40°C TO 125°C
FROM
TO
TEST
PARAMETER
UNIT
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
(INPUT)
(OUTPUT)
CONDITIONS
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
B or A
13.7
9.1
7.8
1.5
6.7
ns
ten
OE
A or B
16.8
12
10
1.5
9.1
ns
tdis
OE
A or B
18
10.5
8.7
1.5
7.8
ns
tPLH
5.4
7.5
1
8.5
1
8.5
1
9.5
A
Y
CL = 50 pF
ns
tPHL
5.4
7.5
1
8.5
1
8.5
1
9.5
tPZH
6.2
9.3
1
10.5
1
10.5
1
11.5
OE
Y
CL = 50 pF
ns
tPZL
6.2
9.3
1
10.5
1
10.5
1
11.5
tPHZ
6.7
9.2
1
10.5
1
10.5
1
11
OE
Y
CL = 50 pF
ns
tPLZ
6.7
9.2
1
10.5
1
10.5
1
11
tsk(o)
CL = 50 pF
1(1)
1
1
1
ns
(1)
On products compliant to MIL-PRF-38535, this parameter does not apply.
7.9 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
42
43
47
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per transceiver
Outputs disabled
1
1
2
8
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54LVCH245A SN74LVCH245A


Similar Part No. - SN74LVCH245ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH245ADW TI-SN74LVCH245ADW Datasheet
127Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVCH245ADW TI-SN74LVCH245ADW Datasheet
1Mb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVCH245ADW TI-SN74LVCH245ADW Datasheet
1Mb / 28P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVCH245ADWE4 TI-SN74LVCH245ADWE4 Datasheet
1Mb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVCH245ADWE4 TI-SN74LVCH245ADWE4 Datasheet
1Mb / 28P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH245ADW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com