Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G98DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G98DBVT
Description  Configurable Multiple-Function Gate
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G98DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G98DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G98DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G98DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G98DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G98DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G98DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G98DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G98DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G98DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
In2
3
2
4
6
1
In1
In2
Y
GND
In0
DBV PACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
6
1
In1
In2
Y
GND
In0
3
2
4
6
1
In1
Y
GND
In0
In1
In0
In2
Y
GND
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
6
VCC
VCC
VCC
5
VCC
5
5
5
DRY PACKAGE
(TOP VIEW)
GND
V
CC
ln1
6
5
4
2
3
ln0
Y
ln2
1
ln1
ln0
DSF PACKAGE
(TOP VIEW)
GND
ln2
Y
V
CC
6
5
4
2
3
1
SN74LVC1G98
www.ti.com
SCES417L – DECEMBER 2002 – REVISED DECEMBER 2013
Configurable Multiple-Function Gate
Check for Samples: SN74LVC1G98
1
FEATURES
DESCRIPTION
This configurable multiple-function gate is designed
2
Available in the Texas Instruments
for 1.65-V to 5.5-V VCC operation.
NanoFree™ Package
The SN74LVC1G98 device features configurable
Supports 5-V VCC Operation
multiple functions. The output state is determined by
Inputs Accept Voltages to 5.5 V
eight patterns of 3-bit input. The user can choose the
Supports Down Translation to VCC
logic
functions
MUX,
AND,
OR,
NAND,
NOR,
inverter, and noninverter. All inputs can be connected
Max tpd of 6.3 ns at 3.3 V
to VCC or GND.
Low Power Consumption, 10-µA Max ICC
This device functions as an independent gate, but
±24-mA Output Drive at 3.3 V
because of Schmitt action, it may have different input
Ioff Supports Live Insertion, Partial-Power-
threshold levels for positive-going (VT+) and negative-
Down Mode, and Back-Drive Protection
going (VT–) signals.
Latch-Up Performance Exceeds 100 mA Per
NanoFree™
package
technology
is
a
major
JESD 78, Class II
breakthrough in IC packaging concepts, using the die
ESD Protection Exceeds JESD 22
as the package.
2000-V Human-Body Model (A114-A)
This device is fully specified for partial-power-down
200-V Machine Model (A115-A)
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
1000-V Charged-Device Model (C101)
through the device when it is powered down.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G98DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98DBVT TI-SN74LVC1G98DBVT Datasheet
408Kb / 16P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98DBVT TI-SN74LVC1G98DBVT Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98DBVTE4 TI-SN74LVC1G98DBVTE4 Datasheet
408Kb / 16P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98DBVTE4 TI-SN74LVC1G98DBVTE4 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98DBVTG4 TI-SN74LVC1G98DBVTG4 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74LVC1G98DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com