Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH3D11NP-390NB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH3D11NP-390NB
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH3D11NP-390NB Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH3D11NP-390NB Datasheet HTML 1Page - Sumida Corporation CDRH3D11NP-390NB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDRH3D11
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CDRH Series>
Specification
Part Name
Stamp
Inductance
(
μH)
100kHz/1V
D.C.R.(m
Ω)
Max.(Typ.)
(at 20
℃)
Saturation
Current
(A)※1
Temperature
Rise Current
(A)
※2
CDRH3D11NP-2R7N
A
2.7
±30%
78(60)
0.53
1.82
CDRH3D11NP-4R7N
B
4.7
±30%
123(95)
0.40
1.38
CDRH3D11NP-6R8N
C
6.8
±30%
180(150)
0.34
1.05
CDRH3D11NP-8R2N
D
8.2
±30%
204(170)
0.32
0.93
CDRH3D11NP-100N
E
10
±30%
240(200)
0.28
0.90
CDRH3D11NP-120N
F
12
±30%
276(230)
0.25
0.81
CDRH3D11NP-150N
G
15
±30%
372(310)
0.23
0.68
CDRH3D11NP-180N
H
18
±30%
468(390)
0.21
0.58
CDRH3D11NP-220N
I
22
±30%
540(450)
0.19
0.53
CDRH3D11NP-270N
J
27
±30%
726(605)
0.17
0.48
CDRH3D11NP-330N
K
33
±30%
822(685)
0.15
0.41
CDRH3D11NP-390N
L
39
±30%
942(785)
0.14
0.40
Description of part name
CDRH3D11NP-2R7N
※1.Saturation current: The DC current at which the inductance decreases to 65% of it's nominal value.
※2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B
Box
C
Carrier Tape


Similar Part No. - CDRH3D11NP-390NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D11NP-390N SUMIDA-CDRH3D11NP-390N Datasheet
227Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDRH3D11NP-390NB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com