Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV02 Datasheet(PDF) 5 Page - Texas Instruments

Part No. SN54LV02
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LV02 Datasheet(HTML) 5 Page - Texas Instruments

  SN54LV02 Datasheet HTML 1Page - Texas Instruments SN54LV02 Datasheet HTML 2Page - Texas Instruments SN54LV02 Datasheet HTML 3Page - Texas Instruments SN54LV02 Datasheet HTML 4Page - Texas Instruments SN54LV02 Datasheet HTML 5Page - Texas Instruments SN54LV02 Datasheet HTML 6Page - Texas Instruments SN54LV02 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN54LV02, SN74LV02
QUADRUPLE 2INPUT POSITIVENOR GATES
SCLS183B − FEBRUARY 1993 − REVISED APRIL 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
Vm
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
Vz
Open
GND
1 k
1 k
Data Input
Timing Input
Vm
Vi
0 V
Vm
Vm
Vi
0 V
Vi
0 V
Vm
Vm
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
Vm
Vm
Vi
0 V
Vm
Vm
Input
Vm
Output
Control
Output
Waveform 1
S1 at Vz
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
Vm
Vm
0.5
× Vz
0 V
Vm
VOL + 0.3 V
Vm
VOH − 0.3 V
[ 0 V
Vi
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
Vz
GND
TEST
S1
0.5
× VCC
VCC
2
× VCC
1.5 V
2.7 V
6 V
WAVEFORM
CONDITION
VCC = 4.5 V
to 5.5 V
VCC = 2.7 V
to 3.6 V
Vm
Vi
Vz
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn