Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV02 Datasheet(PDF) 3 Page - Texas Instruments

Part No. SN54LV02
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LV02 Datasheet(HTML) 3 Page - Texas Instruments

  SN54LV02 Datasheet HTML 1Page - Texas Instruments SN54LV02 Datasheet HTML 2Page - Texas Instruments SN54LV02 Datasheet HTML 3Page - Texas Instruments SN54LV02 Datasheet HTML 4Page - Texas Instruments SN54LV02 Datasheet HTML 5Page - Texas Instruments SN54LV02 Datasheet HTML 6Page - Texas Instruments SN54LV02 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN54LV02, SN74LV02
QUADRUPLE 2INPUT POSITIVENOR GATES
SCLS183B − FEBRUARY 1993 − REVISED APRIL 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
recommended operating conditions (see Note 4)
SN54LV02
SN74LV02
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2.7
5.5
2.7
5.5
V
VIH
High-level input voltage
VCC = 2.7 V to 3.6 V
2
2
V
VIH
High-level input voltage
VCC = 4.5 V to 5.5 V
3.15
3.15
V
VIL
Low-level input voltage
VCC = 2.7 V to 3.6 V
0.8
0.8
V
VIL
Low-level input voltage
VCC = 4.5 V to 5.5 V
1.65
1.65
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
VCC = 2.7 V to 3.6 V
−6
−6
mA
IOH
High-level output current
VCC = 4.5 V to 5.5 V
−12
−12
mA
IOL
Low-level output current
VCC = 2.7 V to 3.6 V
6
6
mA
IOL
Low-level output current
VCC = 4.5 V to 5.5 V
12
12
mA
∆t/∆v
Input transition rise or fall rate
0
100
0
100
ns/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 4: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
SN54LV02
SN74LV02
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = −100 µA
MIN to MAX
VCC − 0.2
VCC − 0.2
VOH
IOH = −6 mA
3 V
2.4
2.4
V
VOH
IOH = −12 mA
4.5 V
3.6
3.6
V
IOL = 100 µA
MIN to MAX
0.2
0.2
VOL
IOL = 6 mA
3 V
0.4
0.4
V
VOL
IOL = 12 mA
4.5 V
0.55
0.55
V
II
VI = VCC or GND
3.6 V
±1
±1
A
II
VI = VCC or GND
5.5 V
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
20
20
A
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
nICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
500
500
µA
Ci
VI = VCC or GND
3.3 V
2.5
2.5
pF
Ci
VI = VCC or GND
5 V
2.5
2.5
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN54LV02
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
UNIT
tpd
A
Y
5
10
8
13
16
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn