Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LS846 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN54LS846
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS846 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN54LS846_15 Datasheet HTML 7Page - Texas Instruments SN54LS846_15 Datasheet HTML 8Page - Texas Instruments SN54LS846_15 Datasheet HTML 9Page - Texas Instruments SN54LS846_15 Datasheet HTML 10Page - Texas Instruments SN54LS846_15 Datasheet HTML 11Page - Texas Instruments SN54LS846_15 Datasheet HTML 12Page - Texas Instruments SN54LS846_15 Datasheet HTML 13Page - Texas Instruments SN54LS846_15 Datasheet HTML 14Page - Texas Instruments SN54LS846_15 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN74LS646DW
ACTIVE
SOIC
DW
24
25
Green (RoHS
& no Sb/Br)
Call TI
Level-1-260C-UNLIM
0 to 70
LS646
SN74LS646NT3
OBSOLETE
PDIP
NT
24
TBD
Call TI
Call TI
0 to 70
SN74LS647DW
OBSOLETE
SOIC
DW
24
TBD
Call TI
Call TI
0 to 70
SN74LS647NT
OBSOLETE
PDIP
NT
24
TBD
Call TI
Call TI
0 to 70
SN74LS649NT
OBSOLETE
PDIP
NT
24
TBD
Call TI
Call TI
0 to 70
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - SN54LS846_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS848J MOTOROLA-SN54LS848J Datasheet
216Kb / 6P
   8-INPUT PRIORITY ENCODERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LS846_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SNJ54ABT646A TI-SNJ54ABT646A Datasheet
436Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651 Datasheet
383Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT8652 TI-SN54ABT8652 Datasheet
366Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com