Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX418ALL Datasheet(PDF) 4 Page - Sony Corporation

Part No. ICX418ALL
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX418ALL Datasheet(HTML) 4 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
– 4 –
ICX418ALL
DC Characteristics
Output circuit supply current
Item
IDD
Symbol
5.0
Min.
Unit
Remarks
Typ.
Max.
mA
10.0
Bias Conditions 1 [when used in substrate bias internal generation mode]
Output circuit supply voltage
Reset drain voltage
Protective transistor bias
Substrate bias circuit supply voltage
Substrate clock
1 V
L
setting is the VVL voltage of the vertical transfer clock waveform, or the same supply voltage as the VL
power supply for the V driver should be used. (When CXD1267AN is used.)
2 Do not apply a DC bias to the substrate clock pin, because a DC bias is generated within the CCD.
Item
VDD
VRD
VL
VDSUB
φSUB
Symbol
15.0
15.0
1
15.0
2
Min.
V
V
V
Unit
Remarks
Typ.
Max.
14.55
14.55
14.55
15.45
15.45
15.45
VRD = VDD
Bias Conditions 2 [when used in substrate bias external adjustment mode]
Output circuit supply voltage
Reset drain voltage
Protective transistor bias
Substrate bias circuit supply voltage
Substrate voltage adjustment range
Substrate voltage adjustment precision
3 V
L
setting is the VVL voltage of the vertical transfer clock waveform, or the same supply voltage as the VL
power supply for the V driver should be used. (When CXD1267AN is used.)
4 Connect to GND or leave open.
5 The setting value of the substrate voltage (V
SUB
) is indicated on the back of the image sensor by a
special code. When adjusting the substrate voltage externally, adjust the substrate voltage to the indicated
voltage. The adjustment precision is ±3%. However, this setting value has not significance when used in
substrate bias internal generation mode.
VSUB code — one character indication
Code and optimal setting correspond to each other as follows.
Item
VDD
VRD
VL
VDSUB
VSUB
∆VSUB
Symbol
15.0
15.0
3
4
Min.
V
V
V
%
Unit
Remarks
Typ.
Max.
14.55
14.55
6.0
–3
15.45
15.45
14.0
+3
VRD = VDD
5
5
<Example> "L"
→ VSUB = 9.0V
VSUB code
Optimal setting
f
6.5
G
7.0
h
7.5
J
8.0
K
8.5
L
9.0
m
9.5
N
10.0
P
10.5
Q
11.0
S
12.0
U
13.0
V
13.5
W
14.0
R
11.5
T
12.5
E
6.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn